Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SR05015NRFA Datasheet(PDF) 15 Page - Delta Electronics, Inc.

Part # E36SR05015NRFA
Description  Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SR05015NRFA Datasheet(HTML) 15 Page - Delta Electronics, Inc.

Back Button E36SR05015NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 13Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 14Page - Delta Electronics, Inc. E36SR05015NRFA Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
DS_E36SR3R320_10292013
15
PART NUMBERING SYSTEM
E
36
S
R
3R3
20
N
R
F
H
Type of
Product
Input
Voltage
Number
of
Outputs
Product
Series
Output
Voltage
Output
Current
ON/OFF
Logic
Pin
Length/Type
Option Code
E- Eighth
Brick
36-18~75V S - Single
R - Regular 3R3 - 3.3V
20 -20A
N -
Negative
R -
0.170”
F - RoHS 6/6
(Lead Free)
A- Standard Functions
H- Standard Functions with
heatspreader
N- 20000 uF capacitive load,
155%~190% OCP, and with
heatspreader
MODEL LIST
MODEL NAME
INPUT
OUTPUT
EFF @ 100% LOAD
E36SR3R320NRFA
18V~75V
4.3A
3.3V
20A
88%
E36SR3R320NRFN
18V~75V
4.3A
3.3V
20A
88%
E36SR3R320NRFH
18V~75V
4.3A
3.3V
20A
88%
E36SR05015NRFA
18V~75V
5A
5.0V
15A
89%
Default remote on/off logic is negative and pin length is 0.170
For different remote on/off logic and pin length, please refer to part numbering system above or contact your local sales
office.
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107 x 6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for
its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.


Similar Part No. - E36SR05015NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
760Kb / 16P
   Delphi Series E36SR, Eighth Brick Family
More results

Similar Description - E36SR05015NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015NRFA DELTA-E36SR05015NRFA Datasheet
824Kb / 15P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com