Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E36SR05015NRFA Datasheet(PDF) 13 Page - Delta Electronics, Inc.

Part No. E36SR05015NRFA
Description  Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E36SR05015NRFA Datasheet(HTML) 13 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS_E36SR3R320_10292013
13
MECHANICAL DRAWING (WITHOUT HEATSPREADER)
Surface-mount module
Through-hole module
Pin No.
Name
Function
1
2
3
4
5
6
7
8
+Vin
ON/OFF
-Vin
-Vout
-SENSE
TRIM
+SENSE
+Vout
Positive input voltage
Remote ON/OFF
Negative input voltage
Negative output voltage
Negative remote sense
Output voltage trim
Positive remote sense
Positive output voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn