Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E36SR05015NRFA Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part No. E36SR05015NRFA
Description  Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

E36SR05015NRFA Datasheet(HTML) 12 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DS_E36SR3R320_10292013
12
LEADED (Sn/Pb) PROCESS RECOMMENDED TEMPEATURE PROFILE
Note: The temperature refers to the pin of E36SR, measured on the pin +Vout joint.
LEAD FREE (SAC) PROCESS RECOMMENDED TEMPERATURE PROFILE
Temp.
Time
150℃
200℃
100~140 sec.
Time Limited 90 sec.
above 217℃
217℃
Preheat time
Ramp up
max. 3℃/sec.
Ramp down
max. 4℃/sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: The temperature refers to the pin of E36SR, measured on the pin +Vout joint.
* For modules with through-hole pins and the optional heatspreader, they are intended for wave soldering
assembly onto system boards, please do not subject such modules through reflow temperature profile.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn