Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC312009PMFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E36SC312009PMFA
Description  Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC312009PMFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E36SC312009PMFA Datasheet HTML 1Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 2Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 3Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 4Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 5Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 6Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SC312009PMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OPTIONS
Positive and negative remote On/Off
SMD and through-hole versions
Through hole with heat spreader
Delphi Series E36SC120, Eighth Brick 108W
DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
The Delphi Series E36SC120, Eighth Brick, 18V~75Vin input, single
output, isolated DC/DC converters, are the latest offering from a world
leader in power systems technology and manufacturing ― Delta
Electronics, Inc. This product family provides up to 108 watts of power
or 9A of output current. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. Typical
efficiency of the 12V/9A module is greater than 92%.
FEATURES
High efficiency: 92% @ 12V/9A
Size:
58.4x22.8x11.0mm
(2.30”x0.90”x0.43”) w/o heat-spreader
58.4x22.8x12.7mm
(2.30”x0.90”x0.50”) with heat-spreader
Industry standard footprint and pinout
Fixed frequency operation
Input UVLO
OTP and OVP
Output OCP hiccup mode
Output voltage trim down : -10%
Output voltage trim up: +10% at Vin>20V
Monotonic startup into normal and
pre-biased loads
1500V isolation and basic insulation
No minimum load required
No negative current during power or enable
on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada) recognized
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers
DS_E36SC12009_12062012


Similar Part No. - E36SC312009PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335NKFA DELTA-E36SC3R335NKFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NKFH DELTA-E36SC3R335NKFH Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NMFA DELTA-E36SC3R335NMFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
More results

Similar Description - E36SC312009PMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com