Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC312009PKFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # E36SC312009PKFA
Description  Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC312009PKFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  E36SC312009PKFA Datasheet HTML 1Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 2Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 3Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 4Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 5Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 6Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 7Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 8Page - Delta Electronics, Inc. E36SC312009PKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E36SC12009_12062012
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at full rated load current (resistive
load) (10 ms/div). Vin=48V. Top Trace: Vout, 3.0V/div; Bottom
Trace: ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current (10 ms/div).
Vin=48V. Top Trace: Vout: 3.0V/div, Bottom Trace: ON/OFF
input, 5V/div
Figure 6: Output voltage response to step-change in load
current (50%-75%-50% of Io, max; di/dt = 0.1A/µs; Vin is 24V).
Load cap: 10µF tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout (0.2V/div, 200us/div), Bottom Trace:Iout
(2A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module
Figure 7: Output voltage response to step-change in load
current (50%-75%-50% of Io, max; di/dt = 0.1A/µs; Vin is 48V).
Load cap: 10µF tantalum capacitor and 1µF ceramic capacitor.
Top Trace: Vout (0.2V/div, 200us/div), Bottom Trace: Iout
(2A/div). Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module
0
0
0
0
0
0
0
0


Similar Part No. - E36SC312009PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
E36SC3R335NKFA DELTA-E36SC3R335NKFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NKFH DELTA-E36SC3R335NKFH Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NMFA DELTA-E36SC3R335NMFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
More results

Similar Description - E36SC312009PKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com