Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5520JST Datasheet(PDF) 9 Page - Analog Devices

Part # AD5520JST
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520JST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5520JST Datasheet HTML 5Page - Analog Devices AD5520JST Datasheet HTML 6Page - Analog Devices AD5520JST Datasheet HTML 7Page - Analog Devices AD5520JST Datasheet HTML 8Page - Analog Devices AD5520JST Datasheet HTML 9Page - Analog Devices AD5520JST Datasheet HTML 10Page - Analog Devices AD5520JST Datasheet HTML 11Page - Analog Devices AD5520JST Datasheet HTML 12Page - Analog Devices AD5520JST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5520
Rev. B | Page 9 of 24
Pin No.
Mnemonic
Description
23
FSEL
Logic Input. Force mode select. Used to select between current or voltage force operation. See the
Force Voltage or Force Current section.
24
MSEL
Logic Input. Measure mode select. Used to connect MEASOUT to either MEASIOUT when high or MEASVOUT
when low.
25
CPSEL
Logic Input. Comparator select. Used to compare CPL, CPH to MEASVOUT when low, or to MEASIOUT when
high. See the Comparator Function and Strobing section.
26
AVEE
Most Negative Supply Voltage.
27
AVCC
Most Positive Supply Voltage.
28
AGND
MEASx Input Ground.
29
AVEE_G
Most Negative Supply Voltage.
30
GUARD
Guard Output.
31
NC
No Connect.
32
GUARDIN
Guard Input.
33
AVCC_G
Most Positive Supply Voltage.
34
MEASVL
DUT Voltage Sense Inputs (Low Sense).
35
GUARD(NC)
No Connect.
36
MEASVH
DUT Voltage Sense Inputs (High Sense).
37
MEASIL
DUT Current Sense Inputs (Low Sense).
38
MEASI0H
DUT Current Sense Inputs (High Sense).
39
FOH0
Force Control Voltage Output.
40
MEASI1H
DUT Current Sense Inputs (High Sense).
41
FOH1
Force Control Voltage Output.
42
MEASI2H
DUT Current Sense Inputs (High Sense).
43
FOH2
Force Control Voltage Output.
44
MEASI3H
DUT Current Sense Inputs (High Sense).
45
FOH3
Force Control Voltage Output.
46
MEASI4H
DUT Current Sense Inputs (High Sense).
47
MEASI5H
DUT Current Sense Inputs (High Sense).
48
AVEE_B
Most Negative Supply Voltage.
49
FOH
External Force Driver Control Voltage Output.
50
AVCC_B
Most Positive Supply Voltage.
51
COMPOUT0
Compensation Capacitor 0 Output.
52
COMPOUT1
Compensation Capacitor 1 Output.
53
COMPOUT2
Compensation Capacitor 2 Output.
54
COMPIN0
Compensation Capacitor 0 Input.
55
COMPIN1
Compensation Capacitor 1 Input.
56
COMPIN2
Compensation Capacitor 2 Input.
57, 59
REFGND
Analog Input/Output Reference Ground.
58
MEASOUT
Multiplexed DUT Voltage/Current Sense Output. See the Measured Parameter section.
60
MEASIOUT
DUT Current Sense Output.
61
MEASVOUT
DUT Voltage Sense Output.
62
FIN
Force Control Voltage Input.
63
CLH
Upper Clamp Voltage Input CLH > CLL.
64
CLL
Lower Clamp Voltage CLL < CLH.


Similar Part No. - AD5520JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520JST AD-AD5520JST Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JST AD-AD5520JST Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JST AD-AD5520JST Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
AD5520JST-REEL AD-AD5520JST-REEL Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JST-REEL AD-AD5520JST-REEL Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results

Similar Description - AD5520JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
logo
Semtech Corporation
E4237 SEMTECH-E4237 Datasheet
245Kb / 39P
   Dual Channel Per-Pin Parametric Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
   Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com