Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT811RTBI-T3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT811RTBI-T3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811RTBI-T3 Datasheet(HTML) 6 Page - ON Semiconductor

  CAT811RTBI-T3 Datasheet HTML 1Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 2Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT811RTBI-T3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CAT811, CAT812
http://onsemi.com
6
DETAILED DESCRIPTION
Reset Timing
The reset signal is asserted LOW for the CAT811 and HIGH for the CAT812 when the power supply voltage falls below the
threshold trip voltage and remains asserted for at least 140 ms after the power supply voltage has risen above the threshold.
5 V
0 V
5 V
0 V
Threshold
Voltage
140 ms
minimum
Figure 6. Reset Timing Diagram
RESET
0 V
RESET
CAT811
CAT812
Reset
Timeout Period
VCC
VCC
VCC Transient Response
The CAT811/812 protect
mPs against brownout failure.
Short duration transients of 4
ms or less and 100 mV
amplitude typically do not cause a false RESET.
Figure 7 shows the maximum pulse duration of
negative−going VCC transients that do not cause a reset
condition. As the amplitude of the transient goes further
below the threshold (increasing VTH − VCC), the maximum
pulse duration decreases. In this test, the VCC starts from an
initial voltage of 0.5 V above the threshold and drops below
it by the amplitude of the overdrive voltage (VTH − VCC).
Figure 7. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
RESET OVERDRIVE VTH − VCC (mV)
1000
100
10
1
0
5
10
15
20
25
30
CAT8xxZ
TAMB = 25°C
CAT8xxM
Valid Reset with VCC under 1.0 V
To ensure that the CAT811 RESET pin is in a known state
when VCC is under 1.0 V, a 100 kW pull−down resistor
between RESET pin and GND is recommended; the value
is not critical. For the CAT812, a pull−up resistor from
RESET pin to VCC is needed.
Figure 8. RESET Valid with VCC Under 1.0 V
Figure 9. RESET Valid with VCC Under 1.1 V
GND
CAT812
RESET
Power
Supply
GND
100 kW
CAT811
Power
Supply
MR
VCC
100 kW
VCC
RESET
MR


Similar Part No. - CAT811RTBI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811RTBI-T3 CATALYST-CAT811RTBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811RTBI-T3 ONSEMI-CAT811RTBI-T3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811RTBI-T3 ONSEMI-CAT811RTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811RTBI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com