Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E24SR06508PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E24SR06508PNFA
Description  Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E24SR06508PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E24SR06508PNFA Datasheet HTML 1Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 2Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 3Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 4Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 5Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 6Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 7Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 8Page - Delta Electronics, Inc. E24SR06508PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
DS_E24SR06508_09252012
FEATURES
High efficiency: 90.5% @ 6.5V/ 8A
Size: 58.4mmx22.8mmx10.0mm
(2.30”x0.90”x0.39”)
SMD and Through-hole versions
Industry standard pin out
2:1 input range
Fixed frequency operation
Input UVLO, Output OTP, OCP, OVP
Basic insulation
2250V isolation
Monotonic startup into normal and
pre-biased loads
Output voltage trim down to -23%
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
recognized
APPLICATIONS
Telecom / DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Test Equipment
OPTIONS
Positive On/Off logic
SMD pin
Short pin lengths available
Delphi Series E24SR, 66W Eighth Brick Family
DC/DC Power Modules: 24V in, 6.5V/8A out
The Delphi Series E24SR Eighth Brick, 24V input, single output,
isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
This product family is available in either a through-hole or
surface-mounted package and provides up to 66 watts of power or 20A of
output current (3.3V and below) in an industry standard footprint and
pinout. The E24SR converter operates from an input voltage of 18V to
36V and is available in output voltages from 3.3V to 12V. Efficiency for
the 6.5V output is 90.5% at 8A full load. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. All models are
fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.


Similar Part No. - E24SR06508PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR06508PNFA DELTA-E24SR06508PNFA Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
More results

Similar Description - E24SR06508PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E24SR06508 DELTA-E24SR06508 Datasheet
770Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 6.5V/8A out
E24SR3R320 DELTA-E24SR3R320 Datasheet
748Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 3.3V/20A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E24SR12005NRFA DELTA-E24SR12005NRFA Datasheet
513Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR12005 DELTA-E24SR12005 Datasheet
761Kb / 14P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 12V/5A out
E24SR3R320NRFA DELTA-E24SR3R320NRFA_08 Datasheet
587Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com