Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM2.4S0A0S03PFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DCM2.4S0A0S03PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM2.4S0A0S03PFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCM2.4S0A0S03PFA Datasheet HTML 1Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 2Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 3Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 4Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM2.4S0A0S03PFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DCM04S0A0S12PFA
DS_ DCM04S0A0S12PFA _10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency: 95% @ 5.0Vin, 3.3V/12A out
Small size and low profile:
20.3x 11.4x 8.5mm (0.8
”x 0.45”x 0.33”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.6Vdc to 3.3Vdc via external resistor
Fixed frequency operation
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
Delphi DCM, Non-Isolated Point of Load
DC/DC Power Modules: 2.4-5.5Vin,
0.6-3.3V/12Aout
The Delphi Series DCM, 2.4-5.5V input, single output,
non-isolated Point of Load DC/DC converters are the latest
offering from a world leader in power systems technology
and manufacturing -- Delta Electronics, Inc. The DCM
series provides a programmable output voltage from 0.6V to
3.3V using an external resistor and has flexible and
programmable tracking features to enable a variety of
startup voltages as well as tracking between power
modules. This product family is available in surface mount
and provides up to 12A of output current in an industry
standard footprint. With creative design technology and
optimization of component placement, these converters
possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful
operating conditions.
OPTIONS
Negative on/off logic
Tracking feature
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications


Similar Part No. - DCM2.4S0A0S03PFA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM200P138M500A40 VICOR-DCM200P138M500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM200P138M600A40 VICOR-DCM200P138M600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM200P138T500A40 VICOR-DCM200P138T500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM200P138T600A40 VICOR-DCM200P138T600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM200P280M500A40 VICOR-DCM200P280M500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
More results

Similar Description - DCM2.4S0A0S03PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com