Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62130RGTR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130RGTR
Description  3-17V 3A Step-Down Converter in 3x3 QFN Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130RGTR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS62130RGTR Datasheet HTML 18Page - Texas Instruments TPS62130RGTR Datasheet HTML 19Page - Texas Instruments TPS62130RGTR Datasheet HTML 20Page - Texas Instruments TPS62130RGTR Datasheet HTML 21Page - Texas Instruments TPS62130RGTR Datasheet HTML 22Page - Texas Instruments TPS62130RGTR Datasheet HTML 23Page - Texas Instruments TPS62130RGTR Datasheet HTML 24Page - Texas Instruments TPS62130RGTR Datasheet HTML 25Page - Texas Instruments TPS62130RGTR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
÷
÷
ø
ö
ç
ç
è
æ
+
×
×
=
2
1
1
1
25
2
1
R
R
pF
f
pole
p
pF
R
f
zero
25
2
1
1 ×
×
=
p
TPS62130, TPS62130A
TPS62131, TPS62132, TPS62133
SLVSAG7B – NOVEMBER 2011 – REVISED JUNE 2013
www.ti.com
The TPS6213X devices, both fixed and adjustable versions, include an internal 25pF feedforward capacitor,
connected between the VOS and FB pins. This capacitor impacts the frequency behavior and sets a pole and
zero in the control loop with the resistors of the feedback divider, per equation Equation 13 and Equation 14:
spacing
(13)
spacing
(14)
spacing
Though the TPS6213X devices are stable without the pole and zero being in a particular location, adjusting their
location to the specific needs of the application can provide better performance in Power Save mode and/or
improved transient response. An external feedforward capacitor can also be added. A more detailed discussion
on the optimization for stability vs. transient response can be found in SLVA289 and SLVA466.
Layout Considerations
A proper layout is critical for the operation of a switched mode power supply, even more at high switching
frequencies. Therefore the PCB layout of the TPS6213X demands careful attention to ensure operation and to
get the performance specified. A poor layout can lead to issues like poor regulation (both line and load), stability
and accuracy weaknesses, increased EMI radiation and noise sensitivity.
See Figure 41 for the recommended layout of the TPS6213X, which is designed for common external ground
connections. Therefore both AGND and PGND pins are directly connected to the Exposed Thermal Pad. On the
PCB, the direct common ground connection of AGND and PGND to the Exposed Thermal Pad and the system
ground (ground plane) is mandatory. Also connect the VOS pin in the shortest way to VOUT at the output
capacitor.
Provide low inductive and resistive paths for loops with high di/dt. Therefore paths conducting the switched load
current should be as short and wide as possible. Provide low capacitive paths (with respect to all other nodes) for
wires with high dv/dt. Therefore the input and output capacitance should be placed as close as possible to the IC
pins and parallel wiring over long distances as well as narrow traces should be avoided. Loops which conduct an
alternating current should outline an area as small as possible, as this area is proportional to the energy radiated.
Sensitive nodes like FB and VOS need to be connected with short wires and not nearby high dv/dt signals (e.g.
SW). As they carry information about the output voltage, they should be connected as close as possible to the
actual output voltage (at the output capacitor). The capacitor on the SS/TR pin and on AVIN as well as the FB
resistors, R1 and R2, should be kept close to the IC and connect directly to those pins and the system ground
plane.
The Exposed Thermal Pad must be soldered to the circuit board for mechanical reliability and to achieve
appropriate power dissipation.
The recommended layout is implemented on the EVM and shown in its Users Guide, SLVU437. Additionally, the
EVM Gerber data are available for download here, SLVC394.
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62130, TPS62130A TPS62131 TPS62132 TPS62133


Similar Part No. - TPS62130RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130RGTR TI1-TPS62130RGTR Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62130RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com