Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10S0A0R10PFD Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DNS10S0A0R10PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10S0A0R10PFD Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DNS10S0A0R10PFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS10S0A0R10PFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS_DNM04SIP10_03062009D
2
TECHNICAL SPECIFICATIONS
(TA = 25°C, airflow rate = 300 LFM, Vin = 2.8Vdc and 5.5Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
DNM04S0A0R10
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
5.8
Vdc
Tracking Voltage
Vin,max
Vdc
Operating Temperature
Refer to Figure 45 for measuring point
-40
125
°C
Storage Temperature
-55
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vout ≦ Vin –0.5
2.8
5.5
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
2.2
V
Turn-Off Voltage Threshold
2.0
V
Maximum Input Current
Vin=2.8V to 5.5V, Io=Io,max
10
A
No-Load Input Current
70
mA
Off Converter Input Current
5
mA
Inrush Transient
Vin=2.8V to 5.5V, Io=Io,min to Io,max
0.1
A
2S
Recommended Input Fuse
15
A
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=5V, Io=100% Io, max, Tc=25℃
-2.0
Vo,set
+2.0
% Vo,set
Output Voltage Adjustable Range
0.7525
3.63
V
Output Voltage Regulation
Over Line
Vin=2.8V to 5.5V
0.3
% Vo,set
Over Load
Io=Io,min to Io,max
0.4
% Vo,set
Over Temperature
Tc=-40℃ to 100℃
0.8
% Vo,set
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
25
50
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
8
15
mV
Output Current Range
0
10
A
Output Voltage Over-shoot at Start-up
Vout=3.3V
1
% Vo,set
Output DC Current-Limit Inception
220
% Io
Output Short-Circuit Current (Hiccup Mode)
Io,s/c
3.5
Adc
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tan & 1µF Ceramic load cap, 2.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
200
mV
Negative Step Change in Output Current
100% Io, max to 50% Io, max
200
mV
Settling Time to 10% of Peak Deviation
25
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Vin=Vin,min, Vo=10% of Vo,set
4
ms
Start-Up Time, From Input
Vo=10% of Vo,set
4
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set
4
8
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧1mΩ
1000
µF
Full load; ESR ≧10mΩ
5000
µF
EFFICIENCY
Vo=3.3V
Vi=5V, 100% Load
96.0
%
Vo=2.5V
Vi=5V, 100% Load
94.2
%
Vo=1.8V
Vi=5V, 100% Load
92.4
%
Vo=1.5V
Vi=5V, 100% Load
91.4
%
Vo=1.2V
Vi=5V, 100% Load
90.0
%
Vo=0.75V
Vi=5V, 100% Load
86.3
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
0.3
V
Logic High Voltage
Module Off, Von/off
1.5
Vin,max
V
Logic Low Current
Module On, Ion/off
10
µA
Logic High Current
Module Off, Ion/off
0.2
1
mA
ON/OFF Control, (Positive Logic)
Logic High Voltage
Module On, Von/off
Vin,max
V
Logic Low Voltage
Module Off, Von/off
-0.2
0.3
V
Logic Low Current
Module On, Ion/off
0.2
1
mA
Logic High Current
Module Off, Ion/off
10
µA
Tracking Slew Rate Capability
0.1
2
V/msec
Tracking Delay Time
Delay from Vin.min to application of tracking voltage
10
ms
Tracking Accuracy
Power-up
2V/mS
100
200
mV
Power-down 1V/mS
200
400
mV
Remote Sense Range
0.1
V
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; Ta=25°C
21.91
M hours
Weight
10
grams
Over-Temperature Shutdown
Refer to Figure 45 for measuring point
130
°C


Similar Part No. - DNS10S0A0R10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R10PFD DELTA-DNS10S0A0R10PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R10PFD DELTA-DNS10S0A0R10PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R10PFD DELTA-DNS10S0A0R10PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R10PFD DELTA-DNS10S0A0R10PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R10PFD DELTA-DNS10S0A0R10PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS10S0A0R10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com