Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM04S0A0R16NFD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNM04S0A0R16NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0R16NFD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNM04S0A0R16NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0R16NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
DS_DNL10SIP16_03052009
FEATURES
High efficiency: 92% @ 12Vin, 3.3V/16A out
Small size and low profile: (SIP)
50.8 x 12.7 x 9.5mm (2.00” x 0.50” x 0.37”)
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 5Vdc via external resistor
Fixed frequency operation (300KHz)
Input UVLO, output OTP, OCP
Remote ON/OFF(default:positive)
Remote sense
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) certified.
CE mark meets 73/23/EEC and
93/68/EEC directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative On/Off logic
Tracking feature
SMD package
Delphi DNL, Non-Isolated Point of Load
DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
The Delphi series DNL, 8.3~14V input, single output, non-isolated point
of load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
The DNL series provides a programmable output voltage from 0.75V to
5.0V through an external trimming resistor. The DNL converters have
flexible and programmable tracking and sequencing features to enable a
variety of sequencing and tracking between several point of load power
modules. This product family is available in a surface mount or SIP
package and provides up to 16A of output current in an industry standard
footprint and pinout. With creative design technology and optimization of
component placement, these converters possess outstanding electrical
and thermal performance and extremely high reliability under highly
stressful operating conditions.


Similar Part No. - DNM04S0A0R16NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R16NFD DELTA-DNM04S0A0R16NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0R16NFD DELTA-DNM04S0A0R16NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R16NFD DELTA-DNM04S0A0R16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R16NFD DELTA-DNM04S0A0R16NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM04S0A0R16NFD DELTA-DNM04S0A0R16NFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results

Similar Description - DNM04S0A0R16NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com