Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS10S0A0R06PFD Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DNS10S0A0R06PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS10S0A0R06PFD Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DNS10S0A0R06PFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 9Page - Delta Electronics, Inc. DNS10S0A0R06PFD Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS_DNS10SIP06_03092009
6
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Tantalum
L
TO OSCILLOSCOPE
Note: Input reflected-ripple current is measured with a
simulated
source
inductance.
Current
is
measured at the input of the module.
Figure 17:
Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic SCOPE
Resistive
Load
Note: Use a 10μF tantalum and 1μF capacitor. Scope
measurement should be made using a BNC
connector.
Figure 18:
Peak-peak output noise and startup transient
measurement test setup
SUPPLY
I
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 19:
Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via
socket), place Kelvin connections at module
terminals to avoid measurement errors due to
contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 20 shows the input ripple voltage
(mVp-p) for various output models using 2x47 uF low
ESR tantalum capacitors (SANYO P/N:16TQC47M,
47uF/16V or equivalent) and 2x22 uF very low ESR
ceramic capacitors (TDK P/N:C3225X7S1C226MT,
22uF/16V or equivalent).
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
⎛ −
=
1
0
50
100
150
200
250
300
01
2
3
4
5
6
OutputVoltage(Vdc)
Tantalum
Ceramic
Figure 20:
Input ripple voltage for various Output models,
Io = 6A (Cin = 2x47uF tantalum capacitors and
2x22uF ceramic capacitors at the input)


Similar Part No. - DNS10S0A0R06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06PFD DELTA-DNS10S0A0R06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06PFD DELTA-DNS10S0A0R06PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS10S0A0R06PFD DELTA-DNS10S0A0R06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS10S0A0R06PFD DELTA-DNS10S0A0R06PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06PFD DELTA-DNS10S0A0R06PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNS10S0A0R06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com