Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGU2N60UFD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SGU2N60UFD
Description  Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGU2N60UFD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SGU2N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGU2N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SGU2N60UFD Rev. A1
©2002 Fairchild Semiconductor Corporation
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
2.4A
1.2A
I
C = 0.6A
Gate - Emitter Voltage, V
GE [V]
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
2.4A
1.2A
I
C = 0.6A
Gate - Emitter Voltage, V
GE [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 4W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]
030
60
90
120
150
0
1
2
3
4
2.4A
1.2A
I
C
= 0.6A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
0.5
1
10
0
1
2
3
4
5
6
Common Emitter
V
GE = 15V
T
C =
25℃
T
C = 125
Collector - Emitter Voltage, V
CE
[V]
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
02
46
8
0
2
4
6
8
10
12
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]


Similar Part No. - SGU2N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGU2N60UF FAIRCHILD-SGU2N60UF Datasheet
493Kb / 7P
   Ultra-Fast IGBT
More results

Similar Description - SGU2N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com