Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT04S0A0S03NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DCT04S0A0S03NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT04S0A0S03NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DCT04S0A0S03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 13Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 14Page - Delta Electronics, Inc. DCT04S0A0S03NFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS_DCL12S0A0S20NFA_11152012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of the DCL can be programmed to any
voltage between 0.69Vdc and 5.5Vdc by connecting one resistor
(shown as Rtrim in Figure 33) between the TRIM and GND pins
of the module. Without this external resistor, the output voltage of
the module is 0.69 Vdc. To calculate the value of the resistor
Rtrim for a particular output voltage Vo, please use the following
equation:


K
Vo
Rtrim
69
.
0
9
.
6
Rtrim is the external resistor in kΩ
Vo is the desired output voltage.
For example, to program the output voltage of the DCL module to
5.0Vdc, Rtrim is calculated as follows:


K
K
Rtrim
601
.
1
69
.
0
0
.
5
9
.
6
Figure 33: Circuit configulation for programming output voltage
using an external resister.
Table 1 provides Rtrim values required for some common
output voltages. By using a ±0.5% tolerance trim resistor with a
TC of
±100ppm, a set point tolerance of ±1.5% can be achieved as
specified in the electrical specification.
Certain restrictions apply on the output voltage set point
depending on the input voltage. These are shown in the Output
Voltage vs. Input Voltage Set Point Area plot in Fig. 34.
The Upper Limit curve shows that for output voltages of 0.9V
and lower, the input voltage must be lower than the maximum
of 14V.
The Lower Limit curve shows that for output voltages of 3.3V
and higher, the input voltage needs to be larger than the
minimum of 4.5V
Figure 34: Output voltage vs input voltage setpoint area plot
showing limits were the output can be set for different.input
voltage.


Similar Part No. - DCT04S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
More results

Similar Description - DCT04S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com