Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR845 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR845
Description  8.0A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR845 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR845 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR845 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
MBR830 - MBR860
8.0A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin 1
12
Pin 2
Case
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
830
MBR
835
MBR
840
MBR
845
MBR
850
MBR
860
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Repetitive Peak Reverse Surge Current
@ t
£ 2.0ms
IRRM
1.0
A
Forward Voltage Drop
@ IF = 8.0A, TC = 125
°C
@ IF = 8.0A, TC = 25
°C
@ IF = 16A, TC = 25
°C
VFM
0.57
0.70
0.84
0.70
0.80
0.95
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.1
15
mA
Typical Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
3.0
K/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
www.kersemi.com


Similar Part No. - MBR845

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR845 DIODES-MBR845 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Sirectifier Semiconduct...
MBR845 SIRECTIFIER-MBR845 Datasheet
112Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
ON Semiconductor
MBR845 ONSEMI-MBR845 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Zibo Seno Electronic En...
MBR845 ZSELEC-MBR845 Datasheet
174Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
logo
Sirectifier Semiconduct...
MBR845 SIRECTIFIER-MBR845 Datasheet
80Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR845

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
MBR830 DIODES-MBR830 Datasheet
64Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Won-Top Electronics
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com