Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK02S1212A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DK02S1212A
Description  2W DC/DC CONVERTER, DIP Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DK02S1212A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DK02S1212A Datasheet HTML 1Page - Delta Electronics, Inc. DK02S1212A Datasheet HTML 2Page - Delta Electronics, Inc. DK02S1212A Datasheet HTML 3Page - Delta Electronics, Inc. DK02S1212A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DK02S/D SERIES
2W DC/DC CONVERTER, DIP Package, High Isolation
DS_DK02S/D_11052013
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 75%
Standard DIP-16 Package
Reinforced Insulation rated for 300VAC Working
Voltage
High Isolation Voltage 4000VAC
Operating Temperatue Range
–25°C to +80°C
Low isotation Capacitance
Low Leakage Current
Lead free, RoHs Compliant
3 Years Product Warranty
The DK02S/D series are miniature, DIP Package, isolated 2W DC/DC converters with ultra- high 4,000VAC isolation . It offers
low leakage current and allows a wide operating temperature range of
–25°C to +80°C.These isolated DC/DC converters are the
latest offering from a
world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal
performance, as well as extremely high reliability under highly stressful operating conditions
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. Capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
Ma
Ma
Ma(typ.)
Ma(typ.)
% (max.)
Uf
%
DK02S0505A
5
(4.5 ~ 5.5)
5
400
8
606
60
12
330
66
DK02S0512A
12
165
3
600
10
66
DK02S0515A
15
133
2.5
605
10
66
DK02D0512A
±12
±83
±1.5
553
10
100*
72
DK02D0515A
±15
±66
±1
542
10
73
DK02S1205A
12
(10.8 ~ 13.2)
5
400
8
253
30
12
330
66
DK02S1212A
12
165
3
250
10
66
DK02S1215A
15
133
2.5
252
10
66
DK02D1212A
±12
±83
±1.5
224
10
100*
74
DK02D1215A
±15
±66
±1
220
10
75
DK02S2405A
24
(21.6 ~ 26.4)
5
400
8
126
15
12
330
66
DK02S2412A
12
165
3
125
10
66
DK02S2415A
15
133
2.5
126
10
66
DK02D2412A
±12
±83
±1.5
112
10
100*
74
DK02D2415A
±15
±66
±1
110
10
75
* For each output


Similar Part No. - DK02S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S0303A DELTA-DK02S0303A Datasheet
227Kb / 5P
   5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
DK02S0503A DELTA-DK02S0503A Datasheet
227Kb / 5P
   5W DC/DC CONVERTER, SMD-Package , Wide 2:1 Input Ranage
More results

Similar Description - DK02S1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com