Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS12S0A0S12NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DCS12S0A0S12NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS12S0A0S12NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DCS12S0A0S12NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 13Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 14Page - Delta Electronics, Inc. DCS12S0A0S12NFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS_DCT12S0A0S03PFA_09172013
11
FEATURES DESCRIPTIONS (CON.)
Remote Sense
The DCT provide Vo remote sensing to achieve proper
regulation at the load points and reduce effects of
distribution losses on output line. In the event of an open
remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall
correct for a total of 0.5V of loss. The remote sense line
impedance shall be < 10
.
Vo
Sense
Vin
GND
RL
Distribution Losses
Distribution Losses
Distribution
Losses
Distribution
Losses
Figure 28: Effective circuit configuration for remote sense
operation
Output Voltage Programming
The output voltage of the DCT can be programmed to any
voltage between 0.59Vdc and 5.5Vdc by connecting one
resistor (shown as Rtrim in Figure 29) between the TRIM
and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.59 Vdc. To
calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:


K
Vo
Rtrim
591
.
0
91
.
5
Rtrim is the external resistor in kΩ
Vo is the desired output voltage.
For example, to program the output voltage of the DNS
module to 5.0Vdc, Rtrim is calculated as follows:


K
K
Rtrim
34
.
1
591
.
0
0
.
5
91
.
5
Vo
TRIM
GND
RLoad
Rtrim
Figure 29: Circuit configuration for programming output voltage
using an external resistor
Table 1 provides Rtrim values required for some common
output voltages, By using a 0.5% tolerance trim resistor, set
point tolerance of ±1.5% can be achieved as specified in
the electrical specification.
Table 1
Vo(V)
Rtrim(KΩ)
0.590
Open
0.600
656.700
1.000
14.450
1.200
9.704
1.500
6.502
1.800
4.888
2.500
3.096
3.300
2.182
5.000
1.340
Certain restrictions apply on the output voltage set point
depending on the input voltage. These are shown in the
Output Voltage vs. Input Voltage Set Point Area plot in
Figure 30. The Upper Limit curve shows that for output
voltages of 0.9V and lower, the input voltage must be lower
than the maximum of 14V. The Lower Limit curve shows
that for output voltages of 3.8V and higher, the input voltage
needs to be larger than the minimum of 4.5V.
Figure 30: Output Voltage vs. Input Voltage Set Point Area plot
showing limits where the output voltage can be set for different
input voltages.


Similar Part No. - DCS12S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S12NFA DELTA-DCS12S0A0S12NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCS12S0A0S12NFA DELTA-DCS12S0A0S12NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS12S0A0S12NFA DELTA-DCS12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS12S0A0S12NFA DELTA-DCS12S0A0S12NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCS12S0A0S12NFA DELTA-DCS12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results

Similar Description - DCS12S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com