Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT04S0A0S06PFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DCT04S0A0S06PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT04S0A0S06PFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCT04S0A0S06PFA Datasheet HTML 1Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 2Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 3Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 4Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCT04S0A0S06PFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DCM12S0A0S12NFA
DATASHEET
E-mail: DCDC@delta.com.tw
DS_ DCM12S0A0S12NFA _10022013
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency:
95.4% @ 12Vin, 5.0V/12A out
93.3% @ 12Vin, 3.3V/12A out
91.6% @ 12Vin, 2.5V/12A out
89.2% @ 12Vin, 1.8V/12A out
85.6% @ 12Vin, 1.2V/12A out
80.2% @ 10Vin, 0.69V/12A out
Small size and low profile:
20.3x 11.4x 8.5mm (0.8
”x 0.45”x 0.33”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.69Vdc to 5.0Vdc via external resistor
Fixed frequency operation
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
CE mark meets 73/23/EEC and 93/68/EEC
directives
Delphi DCM, Non-Isolated Point of Load
DC/DC Power Modules: 4.5~14Vin,
0.69-5.0V/12Aout
The Delphi Series DCM, 4.5-14V input, single output,
non-isolated Point of Load DC/DC converters are the latest
offering from a world leader in power systems technology
and manufacturing -- Delta Electronics, Inc. The DCM
series provides a programmable output voltage from 0.69
V to 5.0V using an external resistor and has flexible and
programmable tracking features to enable a variety of
startup voltages as well as tracking between power
modules. This product family is available in surface mount
and provides up to 12A of output current in an industry
standard footprint. With creative design technology and
optimization of component placement, these converters
possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful
operating conditions
OPTIONS
Negative/Positive on/off logic
Tracking feature
Sequence feature
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications


Similar Part No. - DCT04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S06PFA DELTA-DCT04S0A0S06PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT04S0A0S06PFA DELTA-DCT04S0A0S06PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT04S0A0S06PFA DELTA-DCT04S0A0S06PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCT04S0A0S06PFA DELTA-DCT04S0A0S06PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
More results

Similar Description - DCT04S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com