Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS12S0A0S06PFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DCS12S0A0S06PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS12S0A0S06PFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DCS12S0A0S06PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 11Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 12Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 13Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 14Page - Delta Electronics, Inc. DCS12S0A0S06PFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS_DCS04S0A0S06NFA_03192012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P11
DESIGN CONSIDERATIONS (CON.)
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a
maximum 10A fuse in the ungrounded lead.
Input Under voltage Lockout
At input voltages below the input under voltage lockout
limit, the module operation is disabled. The module will
begin to operate at an input voltage above the under
voltage lockout turn-on threshold.
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection. When the over-current protection is triggered,
the unit enters hiccup mode. The units operate normally
once the fault condition is removed.
FEATURES DESCRIPTIONS
Remote On/Off
The DCS series power modules have an On/Off pin for
remote On/Off operation. Both positive and negative
On/Off logic options are available in the DCS series power
modules.
For negative logic module, connect an open collector
(NPN) transistor or open drain (N channel) MOSFET
between the On/Off pin and the GND pin (see figure 32).
Negative logic On/Off signal turns the module ON during
the logic high and turns the module OFF during the logic
low. When the negative On/Off function is not used, tie the
pin to GND (module will be On).
For positive logic module, the On/Off pin is pulled high
with an external pull-up 5k
Ω resistor (see figure 33).
Positive logic On/Off signal turns the module OFF during
logic high and turns the module ON during logic low. If the
Positive On/Off function is not used, tie the pin to Vin.
(module will be On)
Vo
O n/O ff
V in
GND
Q1
RL
I
O N /O F F
Figure 32: Negaitive remote On/Off implementation
Vo
On/Off
Vin
GND
Q1
RL
Rpull-
up
I
O N /O FF
Figure 33: Positive remote On/Off implementation
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection. When the over-current protection is triggered,
the unit enters hiccup mode. The units operate normally
once the fault condition is removed.


Similar Part No. - DCS12S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06PFA DELTA-DCS12S0A0S06PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCS12S0A0S06PFA DELTA-DCS12S0A0S06PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS12S0A0S06PFA DELTA-DCS12S0A0S06PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS12S0A0S06PFA DELTA-DCS12S0A0S06PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCS12S0A0S06PFA DELTA-DCS12S0A0S06PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCS12S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com