Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCL04S0A0S20PFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DCL04S0A0S20PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCL04S0A0S20PFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DCL04S0A0S20PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 11Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 12Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 13Page - Delta Electronics, Inc. DCL04S0A0S20PFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DS_DCL12S0A0S20NFA_11152012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
FEATURES DESCRIPTIONS
Remote On/Off
The DCL series power modules have an On/Off pin for remote
On/Off operation. Both positive and negative On/Off logic
options are available in the DCL series power modules.
For positive logic module, connect an open collector (NPN)
transistor or open drain (N channel) MOSFET between the
On/Off pin and the GND pin (see figure 30). Positive logic On/Off
signal turns the module ON during the logic high and turns the
module OFF during the logic low. When the positive On/Off
function is not used, leave the pin floating or tie to Vin (module
will be On).
For negative logic module, the On/Off pin is pulled high with an
external pull-
up 5kΩ resistor (see figure 31). Negative logic
On/Off signal turns the module OFF during logic high and turns
the module ON during logic low. If the negative On/Off function
is not used, leave the pin floating or tie to GND. (module will be
on)
Vo
O n/O ff
V in
GND
Q1
RL
I
O N /O F F
Figure 30: Positive remote On/Off implementation
Vo
On/Off
Vin
GND
Q1
RL
Rpull-
up
I
O N /O FF
Figure 31: Negative remote On/Off implementation
Input Under voltage Lockout
At input voltages below the input under voltage lockout limit, the
module operation is disabled. The module will begin to operate at
an input voltage above the under voltage lockout turn-on threshold.
Over-Current Protection
To provide protection in an output over load fault condition, the unit
is equipped with internal over-current protection. When the
over-current protection is triggered, the unit enters hiccup mode.
The units operate normally once the fault condition is removed.
Remote Sense
The DCL provide Vo remote sensing to achieve proper regulation
at the load points and reduce effects of distribution losses on
output line. In the event of an open remote sense line, the module
shall maintain local sense regulation through an internal resistor.
The module shall correct for a total of 0.5V of loss. The remote
sense line impedance shall be < 10
.
Vo
Sense
Vin
GND
RL
Distribution Losses
Distribution Losses
Distribution
Losses
Distribution
Losses
Figure 32: Effective circuit configuration for remote sense
operation


Similar Part No. - DCL04S0A0S20PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL04S0A0S20PFA DELTA-DCL04S0A0S20PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL04S0A0S20PFA DELTA-DCL04S0A0S20PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL04S0A0S20PFA DELTA-DCL04S0A0S20PFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCL04S0A0S20PFA DELTA-DCL04S0A0S20PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL04S0A0S20PFA DELTA-DCL04S0A0S20PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCL04S0A0S20PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com