Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT12S0A0S03PFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DCT12S0A0S03PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT12S0A0S03PFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DCT12S0A0S03PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 11Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 12Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 13Page - Delta Electronics, Inc. DCT12S0A0S03PFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS_DCM12S0A0S12NFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
TEST CONFIGURATIONS
Figure 37: Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10μF tantalum and 1μF capacitor. Scope
measurement should be made using a BNC connector.
Figure 38: Peak-peak output noise and startup transient
measurement test setup.
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 39: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module terminals.
When the module is not soldered (via socket), place
Kelvin connections at module terminals to avoid
measurement errors due to contact resistance.
%
100
)
(
Ii
Vi
Io
Vo
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. A highly inductive source can affect the stability
of the module. An input capacitance must be placed close
to the modules input pins to filter ripple current and ensure
module stability in the presence of inductive traces that
supply the input voltage to the module.


Similar Part No. - DCT12S0A0S03PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
696Kb / 20P
   Delphi DCT, Non-Isolated Point of Load DC/DC Power Modules
More results

Similar Description - DCT12S0A0S03PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com