Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCL12S0A0S06NFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DCL12S0A0S06NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCL12S0A0S06NFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DCL12S0A0S06NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCL12S0A0S06NFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P8
FEATURES DESCRIPTIONS
Remote On/Off
The DCM series power modules have an On/Off pin for
remote On/Off operation. Both positive and negative
On/Off logic options are available in the DCM series
power modules.
For negative logic module, connect an open collector
(NPN) transistor or open drain (N channel) MOSFET
between the On/Off pin and the GND pin (see figure 28).
Negative logic On/Off signal turns the module ON during
the logic low and turns the module OFF during the logic
high. When the negative On/Off function is not used, tie
the pin to GND (module will be On).
For positive logic module, the On/Off pin is pulled high
with an external pull-up 5k
Ω resistor (see figure 29).
Positive logic On/Off signal turns the module ON during
logic high and turns the module OFF during logic low. If
the Positive On/Off function is not used, tie the pin to Vin.
(module will be On)
Vo
O n/O ff
V in
GND
Q1
RL
I
O N /O F F
Figure 28: Negaitive remote On/Off implementation
Vo
O n/O ff
V in
GND
Q1
RL
R pull-
up
I
O N /O FF
Figure 29: Positive remote On/Off implementation
Remote Sense
The DCM provide Vo remote sensing to achieve proper
regulation at the load points and reduce effects of
distribution losses on output line. In the event of an open
remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall
correct for a total of 0.5V of loss. The remote sense line
impedance shall be < 10
.
Vo
Sense
Vin
GND
RL
Distribution Losses
Distribution Losses
Distribution
Losses
Distribution
Losses
Figure 30: Effective circuit configuration for remote sense
operation
Output Voltage Programming
The output voltage of the DCM can be programmed to
any voltage between 0.6Vdc and 3.3Vdc by connecting
one resistor (shown as Rtrim in Figure 31) between the
TRIM and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.6 Vdc. To
calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:


k
Vo
Rtrim
6
.
0
2
.
1
For example, to program the output voltage of the DCM
module to 1.8Vdc, Rtrim is calculated as follows:


K
k
Rtrim
1
6
.
0
8
.
1
2
.
1
Vo
TRIM
GND
RLoad
Rtrim
Figure 31: Circuit configuration for programming output voltage
using an external resistor


Similar Part No. - DCL12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S06NFA DELTA-DCL12S0A0S06NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCL12S0A0S06NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com