Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT22C10WI-20-T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT22C10WI-20-T1
Description  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT22C10WI-20-T1 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT22C10WI-20-T1 Datasheet HTML 1Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 2Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 3Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 4Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 5Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 6Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 7Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 8Page - ON Semiconductor CAT22C10WI-20-T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT22C10
5
Doc No. MD-1082, Rev. R
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice.
A.C. CHARACTERISTICS, Store Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tSTC
Store Time
10
ms
tSTP
Store Pulse Width
200
ns
CL = 100pF + 1TTL gate
tSTZ(1)
Store Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tOST(1)
Store Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
A.C. CHARACTERISTICS, Recall Cycle
VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Conditions
tRCC
Recall Cycle Time
1.4
µs
tRCP
Recall Pulse Width
300
ns
CL = 100pF + 1TTL gate
tRCZ
Recall Disable Time
100
ns
VOH = 2.2V, VOL = 0.65V
tORC
Recall Enable Time
0
ns
VIH = 2.2V, VIL = 0.65V
tARC
Recall Data Access Time
1.1
µs
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT22C10WI-20-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT22C10WI-20-T1 ONSEMI-CAT22C10WI-20-T1 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
More results

Similar Description - CAT22C10WI-20-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10 Datasheet
70Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com