Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGS13N60UFD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SGS13N60UFD
Description  Ultra-Fast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGS13N60UFD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SGS13N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
SGS13N60UFD Rev. A
100
1000
0
20
40
60
80
100
V
R
= 200V
I
F
= 8A
T
C =
25℃
T
C = 100
di/dt [A/us]
100
1000
0
100
200
300
400
500
V
R = 200V
I
F = 8A
T
C =
25℃
T
C = 100
di/dt [A/us]
100
1000
1
10
100
V
R = 200V
I
F
= 8A
T
C
=
25℃
T
C
= 100℃
di/dt [A/us]
0.1
1
10
100
01
23
T
C =
25℃
T
C
= 100℃
Forward Voltage Drop, V
FM [V]
Fig 19. Reverse Recovery Current
Fig 18. Forward Characteristics
Fig 20. Stored Charge
Fig 21. Reverse Recovery Time


Similar Part No. - SGS13N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGS13N60UF FAIRCHILD-SGS13N60UF Datasheet
552Kb / 7P
   Ultra-Fast IGBT
More results

Similar Description - SGS13N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com