Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65518 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN65518
Description  VACUUMFLUORESCENT DISPLAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN65518 Datasheet(HTML) 6 Page - Texas Instruments

  SN65518 Datasheet HTML 1Page - Texas Instruments SN65518 Datasheet HTML 2Page - Texas Instruments SN65518 Datasheet HTML 3Page - Texas Instruments SN65518 Datasheet HTML 4Page - Texas Instruments SN65518 Datasheet HTML 5Page - Texas Instruments SN65518 Datasheet HTML 6Page - Texas Instruments SN65518 Datasheet HTML 7Page - Texas Instruments SN65518 Datasheet HTML 8Page - Texas Instruments SN65518 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN65518, SN75518
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS004B − MARCH 1983 − REVISED MAY 1990
4−6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics, VCC2 = 60 V, CL = 50 pF, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td
Delay time, CLOCK to DATA OUT
VCC1 = 4.5 V
CL = 15 pF,
600
ns
td
Delay time, CLOCK to DATA OUT
VCC1 = 15 V
CL = 15 pF,
See Figure 4
150
ns
From LATCH ENABLE
VCC1 = 4.5 V
See Figure 5
1.5
tDHL
Delay time, high-to-low-level Q output
From STROBE
VCC1 = 4.5 V
See Figure 6
1
s
tDHL
Delay time, high-to-low-level Q output
From LATCH ENABLE
VCC1 = 15 V
See Figure 5
0.5
µs
From STROBE
VCC1 = 15 V
See Figure 6
0.5
From LATCH ENABLE
VCC1 = 4.5 V
See Figure 5
1.5
tDLH
Delay time, low-to-high-level Q output
From STROBE
VCC1 = 4.5 V
See Figure 6
1
s
tDLH
Delay time, low-to-high-level Q output
From LATCH ENABLE
VCC1 = 15 V
See Figure 5
0.25
µs
From STROBE
VCC1 = 15 V
See Figure 6
0.25
tTHL
Transition time, high-to-low-level Q output
VCC1 = 4.5 V
See Figure 6
3
s
tTHL
Transition time, high-to-low-level Q output
VCC1 = 15 V
See Figure 6
1.5
µs
tTLH
Transition time, low-to-high-level Q output
VCC1 = 4.5 V
See Figure 6
2.5
µs
tTLH
Transition time, low-to-high-level Q output
VCC1 = 15 V
See Figure 6
0.75
µs
RECOMMENDED OPERATING CONDITIONS
Minimum VIH
TA = Full Range
5
4
3
2
1
14
12
10
8
6
0
16
6
4
3
Supply Voltage, VCC1 − V
12
15
0
57
9
11
13
2
4
6
8
10
TA = Full Range
INPUT VOLTAGE
vs
SUPPLY VOLTAGE VCC1
MAXIMUM CLOCK FREQUENCY
vs
SUPPLY VOLTAGE VCC1
Maximum VIL
Supply Voltage, VCC1 − V
Figure 1
Figure 2


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn