Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C850IJ Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16C850IJ
Description  2.97V TO 5.5V UART WITH 128-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C850IJ Datasheet(HTML) 5 Page - Exar Corporation

  XR16C850IJ Datasheet HTML 1Page - Exar Corporation XR16C850IJ Datasheet HTML 2Page - Exar Corporation XR16C850IJ Datasheet HTML 3Page - Exar Corporation XR16C850IJ Datasheet HTML 4Page - Exar Corporation XR16C850IJ Datasheet HTML 5Page - Exar Corporation XR16C850IJ Datasheet HTML 6Page - Exar Corporation XR16C850IJ Datasheet HTML 7Page - Exar Corporation XR16C850IJ Datasheet HTML 8Page - Exar Corporation XR16C850IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
xr
XR16C850
REV. 2.3.1
2.97V TO 5.5V UART WITH 128-BYTE FIFO
5
BAUD-
OUT#
17
12
O
Baud Rate Generator Output (active low). This pin provides the 16X clock of the
selected data rate from the baud rate generator. The RCLK pin must be connected
externally to BAUDOUT# when the receiver is operating at the same data rate.
When the PC mode is selected, the baud rate generator clock output is internally
connected to the RCLK input. This pin then functions as the printer port decode
logic output (LPT1#), see
Table 3.
DDIS#
26
22
O
Drive Disable Output. This pin goes to a logic 0 whenever the host CPU is reading
data from the 850. It can control the direction of a data bus transceiver between the
CPU and 850 or other logic functions. If 16 bit bus mode is selected, this pin
becomes D12. During PC Mode, this pin becomes LPT2#.
OP2#
35
31
O
Output Port 2. General purpose output. During PC Mode, this pin becomes S3.
PC MODE INTERFACE SIGNALS. CONNECT SEL PIN TO GND TO SELECT PC MODE.
A3
25
20
I
Address-3 Select Bit. This pin is used as the 4th address line to decode the
COM1-4 and LPT ports. See
Table 1 for details. During Intel Bus Mode, this pin
becomes IOR.
A4
12
6
I
Address-4 Select Bit. This pin is used as the 5th address line to decode the
COM1-4 and LPT ports. This pin has an internal 100k
Ω pull-up resistor. This pin is
not available on the 40-Pin PDIP package which operates in the Intel Bus Mode
Only. See
Table 1 for details. During Intel Bus Mode, this pin is inactive.
A5
A6
A7
A8
14
15
16
21
9
10
11
17
I
Address-5 thru Address-8 Select Bit. These pins are used as the 6th thru 9th
address lines to decode the COM1-4 and LPT ports. See
Table 1 for details. Dur-
ing Intel Bus Mode, A5 becomes CS0, A6 becomes CS1, A7 becomes CS2#, and
A8 becomes IOW.
A9
1
37
I
Address-9 Select Bit. This pin is used as the 10th address line to decode the
COM1-4 and LPT ports. This pin has an internal 100k
Ω pull-up resistor. This pin is
not available on the 40-Pin PDIP package which operates in the Intel Bus Mode
Only. See
Table 1 for details. During Intel Bus Mode, this pin is inactive.
AEN#
28
24
I
Address Enable input (active low). When AEN# transitions to logic 0, it decodes
and validates COM 1-4 ports address per S1, S2 and S3 inputs. During Intel Bus
Mode, this pin becomes AS#.
S1
S2
S3
23
10
35
21
5
31
I
Select 1 to 3. These are the standard PC COM 1-4 ports and IRQ selection inputs.
See
Table 1 and Table 3 for details. The S1 pin has an internal 100kΩ pull-up
resistor. This pin is not available on the 40 pin PDIP packages which operates in
the Intel Bus Mode Only. During Intel Bus Mode, S1 is inactive, S2 becomes
RCLK, and S3 becomes OP2#.
IRQA
IRQB
IRQC
33
32
27
30
29
23
O
Interrupt Request A, B and C Outputs (active high, three-state). These are the
interrupt outputs associated with COM 1-4 to be connected to the host data bus.
See interrupt section for details. The Interrupt Requests A, B or C functions as
IRQx to the PC bus. IRQx is enabled by setting MCR bit-3 to logic 1 and the
desired interrupt(s) in the interrupt enable register (IER). During Intel Bus Mode,
IRQA becomes INT, IRQB becomes RXRDY#, and IRQC becomes TXRDY#.
LPT1#
17
12
O
Line Printer Port-1 Decode Logic Output (active low). This pin functions as the PC
standard LPT-1 printer port address decode logic output, see
Table 1. The baud
rate generator clock output, BAUDOUT#, is internally connected to the RCLK input
in the PC mode. During Intel Bus Mode, LPT1# becomes BAUDOUT#.
NAME
44-PIN
PLCC
48-PIN
TQFP
TYPE
DESCRIPTION


Similar Part No. - XR16C850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850IJ EXAR-XR16C850IJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com