Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS95DGGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS95DGGR
Description  LVDS SERDES TRANSMITTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS95DGGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS95DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 9Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 10Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 11Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 12Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 13Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 14Page - Texas Instruments SN65LVDS95DGGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN74FB2032
8
D0–D7
8
D8–D15
SN65LVDS95
LVDS
Interface
0 To 10 Meters
(Media Dependent)
TTL
Interface
16-Bit
BTL Bus
Interface
CLK
Backplane
Bus
8
D0–D7
8 D8–D15
CLK
Backplane
Bus
TTL
Interface
16-Bit
BTL Bus
Interface
XMIT Clock
RCV Clock
SN74FB2032
SN65LVDS96
SN74FB2032
SN74FB2032
SN65LVDS95
www.ti.com
SLLS297J
– MAY 1998 – REVISED MAY 2011
APPLICATION INFORMATION
16-BIT BUS EXTENSION
In a 16-bit bus application (Figure 10), TTL data and clock coming from bus transceivers that interface the
backplane bus arrive at the Tx parallel inputs of the LVDS serdes transmitter. The clock associated with the bus
is also connected to the device. The on-chip PLL synchronizes this clock with the parallel data at the input. The
data is then multiplexed into three different line drivers which perform the TTL to LVDS conversion. The clock is
also converted to LVDS and presented to a separate driver. This synchronized LVDS data and clock at the
receiver, which recovers the LVDS data and clock, performs a conversion back to TTL. Data is then
demultiplexed into a parallel format. An on-chip PLL synchronizes the received clock with the parallel data, and
then all are presented to the parallel output port of the receiver.
Figure 10. 16-Bit Bus Extension
16-BIT BUS EXTENSION WITH PARITY
In the previous application we did not have a checking bit that would provide assurance that the data crosses the
link. If we add a parity bit to the previous example, we would have a diagram similar to the one in Figure 11. The
device following the SN74FB2032 is a low cost parity generator. Each transmit-side transceiver/parity generator
takes the LVTTL data from the corresponding transceiver, performs a parity calculation over the byte, and then
passes the bits with its calculated parity value on the parallel input of the LVDS serdes transmitter. Again, the
on-chip PLL synchronizes this transmit clock with the eighteen parallel bits (16 data + 2 parity) at the input. The
synchronized LVDS data/parity and clock arrive at the receiver.
The receiver performs the conversion from LVDS to LVTTL and the transceiver/parity generator performs the
parity calculations. These devices compare their corresponding input bytes with the value received on the parity
bit. The transceiver/parity generator will assert its parity error output if a mismatch is detected.
Copyright
© 1998–2011, Texas Instruments Incorporated
11


Similar Part No. - SN65LVDS95DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS95DGGREP TI1-SN65LVDS95DGGREP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGRQ1 TI1-SN65LVDS95DGGRQ1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results

Similar Description - SN65LVDS95DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com