Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358QDDURE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV358QDDURE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358QDDURE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV358QDDURE4 Datasheet HTML 5Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 6Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 7Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 8Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 9Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 10Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 11Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 12Page - Texas Instruments LMV358QDDURE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
STABILITY
vs
CAPACITIVE LOAD
Output Voltage − V
VCC = ±2.5 V
RL = 2 kΩ
AV = 10
VO = 100 mVPP
_
+
VI
−2.5 V
RL
+2.5 V
VO
CL
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
134 k
1.21 M
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
Output Voltage − V
STABILITY
vs
CAPACITIVE LOAD
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
VCC = ±2.5 V
AV = +1
RL = 1 MΩ
VO = 100 mVPP
_
+
VI
2.5 V
RL
2.5 V
VO
CL
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
LMV321 FREQUENCY RESPONSE
vs
TEMPERATURE
Vs = 5.0 V
RL = 2 kΩ
Frequency − Hz
Gain
Phase
85
°C
25
°C
−40
°C
85
°C
25
°C
−40
°C
1 k
10 k
100 k
1 M
10 M
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
VCC = ±2.5 V
AV = +1
RL = 2 kΩ
VO = 100 mVPP
Output Voltage − V
STABILITY
vs
CAPACITIVE LOAD
_
+
VI
−2.5 V
RL
2.5 V
VO
CL
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
www.ti.com
SLOS263U – AUGUST 1999 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Copyright © 1999–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - LMV358QDDURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358QDDURE4 TI-LMV358QDDURE4 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDDURE4 TI-LMV358QDDURE4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDDURE4 TI-LMV358QDDURE4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDDURE4 TI-LMV358QDDURE4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV358QDDURE4 NSC-LMV358QDDURE4 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
More results

Similar Description - LMV358QDDURE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com