Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358IPWRE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358IPWRE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358IPWRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV358IPWRE4 Datasheet HTML 2Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 3Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 4Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 5Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 6Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 7Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 8Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 9Page - Texas Instruments LMV358IPWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
SLOS263U – AUGUST 1999 – REVISED JULY 2012
www.ti.com
Electrical Characteristics
VCC+ = 5 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP(2)
MAX
UNIT
25°C
1.7
7
VIO
Input offset voltage
mV
Full range
9
Average temperature
αVIO
coefficient of input offset
25°C
5
μV/°C
voltage
25°C
15
250
IIB
Input bias current
nA
Full range
500
25°C
5
50
IIO
Input offset current
nA
Full range
150
Common-mode rejection
CMRR
VCM = 0 to 4 V
25°C
50
65
dB
ratio
Supply-voltage
VCC = 2.7 V to 5 V, VO = 1 V,
kSVR
25°C
50
60
dB
rejection ratio
VCM = 1 V
0
–0.2
Common-mode input
VICR
CMRR
≥ 50 dB
25°C
V
voltage range
4.2
4
25°C
VCC – 300
VCC – 40
High level
Full range
VCC – 400
RL = 2 kΩ to 2.5 V
25°C
120
300
Low level
Full range
400
VO
Output swing
mV
25°C
VCC – 100
VCC – 10
High level
Full range
VCC – 200
RL = 10 kΩ to 2.5 V
25°C
65
180
Low level
Full range
280
25°C
15
100
Large-signal differential
AVD
RL = 2 kΩ
V/mV
voltage gain
Full range
10
Sourcing, VO = 0 V
5
60
Output short-circuit
IOS
25°C
mA
current
Sinking, VO = 5 V
10
160
25°C
130
250
LMV321I
Full range
350
25°C
210
440
ICC
Supply current
LMV358I (both amplifiers)
μA
Full range
615
25°C
410
830
LMV324I/LMV324SI
(all four amplifiers)
Full range
1160
B1
Unity-gain bandwidth
CL = 200 pF
25°C
1
MHz
Φm
Phase margin
25°C
60
deg
Gm
Gain margin
25°C
10
dB
Equivalent input
Vn
f = 1 kHz
25°C
39
nV/
√Hz
noise voltage
Equivalent input
In
f = 1 kHz
25°C
0.21
pA/
√Hz
noise current
SR
Slew rate
25°C
1
V/
μs
(1)
Full range TA = –40°C to 125°C for I temperature(LMV321, LMV358, LMV324), –40°C to 85°C for (LMV324S, LMV321IDCK) and –40°C
to 125°C for Q temperature.
(2)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
6
Submit Documentation Feedback
Copyright © 1999–2012, Texas Instruments Incorporated


Similar Part No. - LMV358IPWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358IPWRE4 TI-LMV358IPWRE4 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWRE4 TI-LMV358IPWRE4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWRE4 TI-LMV358IPWRE4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IPWRE4 TI-LMV358IPWRE4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV358IPWRE4 NSC-LMV358IPWRE4 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
More results

Similar Description - LMV358IPWRE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com