Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK212BJ475K Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK212BJ475K
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK212BJ475K Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JMK212BJ475K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
13
11
mlcc02_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
042TYPE
063TYPE
Class1【C△ characteristic】
Class1【C△ characteristic】
Class1【U△ characteristic】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
16V
EMK042 CK0R5CC
CK
0.5
±0.25pF
410
0.2±0.02
R
200%
EMK042 CK010CC
CK
1
±0.25pF
420
0.2±0.02
R
200%
EMK042 CK1R5CC
CK
1.5
±0.25pF
430
0.2±0.02
R
200%
EMK042 CK020CC
CK
2
±0.25pF
440
0.2±0.02
R
200%
EMK042 CJ030CC
CJ
3
±0.25pF
460
0.2±0.02
R
200%
EMK042 CH040CC
CH
4
±0.25pF
480
0.2±0.02
R
200%
EMK042 CH050CC
CH
5
±0.25pF
500
0.2±0.02
R
200%
EMK042 CH060DC
CH
6
±0.5pF
520
0.2±0.02
R
200%
EMK042 CH070DC
CH
7
±0.5pF
540
0.2±0.02
R
200%
EMK042 CH080DC
CH
8
±0.5pF
560
0.2±0.02
R
200%
EMK042 CH090DC
CH
9
±0.5pF
580
0.2±0.02
R
200%
EMK042 CH100DC
CH
10
±0.5pF
600
0.2±0.02
R
200%
EMK042 CH120JC
CH
12
±5%
640
0.2±0.02
R
200%
EMK042 CH150JC
CH
15
±5%
700
0.2±0.02
R
200%
EMK042 CH180JC
CH
18
±5%
760
0.2±0.02
R
200%
EMK042 CH220JC
CH
22
±5%
840
0.2±0.02
R
200%
EMK042 CH270JC
CH
27
±5%
940
0.2±0.02
R
200%
EMK042 CH330JC
CH
33
±5%
1000
0.2±0.02
R
200%
EMK042 CH390JC
CH
39
±5%
1000
0.2±0.02
R
200%
EMK042 CH470JC
CH
47
±5%
1000
0.2±0.02
R
200%
EMK042 CH560JC
CH
56
±5%
1000
0.2±0.02
R
200%
EMK042 CH680JC
CH
68
±5%
1000
0.2±0.02
R
200%
EMK042 CH820JC
CH
82
±5%
1000
0.2±0.02
R
200%
EMK042 CH101JC
CH
100
±5%
1000
0.2±0.02
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK063 CK0R5CP
CK
0.5
±0.25pF
410
0.3±0.03
R
200%
Special code:G
UMK063 CK010CP
CK
1
±0.25pF
420
0.3±0.03
R
200%
Special code:G
UMK063 CK1R5CP
CK
1.5
±0.25pF
430
0.3±0.03
R
200%
Special code:G
UMK063 CK020CP
CK
2
±0.25pF
440
0.3±0.03
R
200%
Special code:G
UMK063 CJ030CP
CJ
3
±0.25pF
460
0.3±0.03
R
200%
Special code:G
UMK063 CH040CP
CH
4
±0.25pF
480
0.3±0.03
R
200%
Special code:G
UMK063 CH050CP
CH
5
±0.25pF
500
0.3±0.03
R
200%
Special code:G
UMK063 CH060DP
CH
6
±0.5pF
520
0.3±0.03
R
200%
Special code:G
UMK063 CH070DP
CH
7
±0.5pF
540
0.3±0.03
R
200%
Special code:G
UMK063 CH080DT
CH
8
±0.5pF
560
0.3±0.03
R
200%
UMK063 CH090DT
CH
9
±0.5pF
580
0.3±0.03
R
200%
UMK063 CH100DT
CH
10
±0.5pF
600
0.3±0.03
R
200%
UMK063 CH120JT
CH
12
±5%
640
0.3±0.03
R
200%
UMK063 CH150JT
CH
15
±5%
700
0.3±0.03
R
200%
UMK063 CH180JT
CH
18
±5%
760
0.3±0.03
R
200%
UMK063 CH220JT
CH
22
±5%
840
0.3±0.03
R
200%
UMK063 CH270JT
CH
27
±5%
940
0.3±0.03
R
200%
UMK063 CH330JT
CH
33
±5%
1000
0.3±0.03
R
200%
UMK063 CH390JT
CH
39
±5%
1000
0.3±0.03
R
200%
UMK063 CH470JT
CH
47
±5%
1000
0.3±0.03
R
200%
UMK063 CH560JT
CH
56
±5%
1000
0.3±0.03
R
200%
UMK063 CH680JT
CH
68
±5%
1000
0.3±0.03
R
200%
UMK063 CH820JT
CH
82
±5%
1000
0.3±0.03
R
200%
UMK063 CH101JT
CH
100
±5%
1000
0.3±0.03
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK063 UK0R5CT
UK
0.5
±0.25pF
410
0.3±0.03
R
200%
TMK063 UK010CT
UK
1
±0.25pF
420
0.3±0.03
R
200%
TMK063 UK1R5CT
UK
1.5
±0.25pF
430
0.3±0.03
R
200%
TMK063 UK020CT
UK
2
±0.25pF
440
0.3±0.03
R
200%
TMK063 UK030CT
UK
3
±0.25pF
460
0.3±0.03
R
200%
TMK063 UJ040CT
UJ
4
±0.25pF
480
0.3±0.03
R
200%
TMK063 UJ050CT
UJ
5
±0.25pF
500
0.3±0.03
R
200%
TMK063 UJ060DT
UJ
6
±0.5pF
520
0.3±0.03
R
200%
TMK063 UJ070DT
UJ
7
±0.5pF
540
0.3±0.03
R
200%
TMK063 UJ080DT
UJ
8
±0.5pF
560
0.3±0.03
R
200%
TMK063 UJ090DT
UJ
9
±0.5pF
580
0.3±0.03
R
200%
TMK063 UJ100DT
UJ
10
±0.5pF
600
0.3±0.03
R
200%
TMK063 UJ120JT
UJ
12
±5%
640
0.3±0.03
R
200%
TMK063 UJ150JT
UJ
15
±5%
700
0.3±0.03
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.


Similar Part No. - JMK212BJ475K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK212BJ475KD-T TAIYO-YUDEN-JMK212BJ475KD-T Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - JMK212BJ475K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com