Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK212BJ475K Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK212BJ475K
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK212BJ475K Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JMK212BJ475K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ475K Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
8
11
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK316 BJ105□D
B/X5R
1
±10, ±20
3.5
0.85±0.1
R
150%
UMK316 BJ225□D
B/X5R
2.2
±10, ±20
3.5
0.85±0.1
R
150%
UMK316 BJ475□D
UMK316ABJ475□D
X5R
4.7
±10, ±20
10
0.85±0.1
R
150%
D
25V
TMK316 BJ105□D
B/X5R
1
±10, ±20
3.5
0.85±0.1
R
200%
TMK316 BJ225□D
B/X5R
2.2
±10, ±20
3.5
0.85±0.1
R
150%
TMK316 BJ475□D
X5R
4.7
±10, ±20
5
0.85±0.1
R
150%
TMK316 BJ106□D
TMK316ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
D
16V
EMK316 BJ225□D
B/X5R
2.2
±10, ±20
3.5
0.85±0.1
R
200%
EMK316 BJ475□D
B/X5R
4.7
±10, ±20
5
0.85±0.1
R
200%
EMK316 BJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
EMK316 BJ226MD
EMK316ABJ226MD
X5R
22
±20
10
0.85±0.1
R
150%
D
10V
LMK316 BJ475□D
B/X5R
4.7
±10, ±20
5
0.85±0.1
R
200%
LMK316 BJ106□D
B/X5R
10
±10, ±20
10
0.85±0.1
R
200%
LMK316 BJ226MD
LMK316ABJ226MD
X5R
22
±20
10
0.85±0.1
R
150%
6.3V
JMK316 BJ106□D
B/X5R
10
±10, ±20
10
0.85±0.1
R
200%
JMK316 BJ226MD
JMK316ABJ226MD
X5R
22
±20
10
0.85±0.1
R
150%
JMK316 BJ476MD
JMK316ABJ476MD
X5R
47
±20
10
0.85±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK316 B7224□L
X7R
0.22
±10, ±20
2.5
1.6±0.2
R/W
200%
UMK316 B7474□L
X7R
0.47
±10, ±20
3.5
1.6±0.2
R/W
200%
UMK316 B7105□L
X7R
1
±10, ±20
3.5
1.6±0.2
R
200%
UMK316 B7225□L
X7R
2.2
±10, ±20
10
1.6±0.2
R
150%
UMK316 B7475□L
UMK316AB7475□L
X7R
4.7
±10, ±20
10
1.6±0.2
R
150%
D
25V
TMK316 B7105□L
X7R
1
±10, ±20
3.5
1.6±0.2
R/W
200%
TMK316 B7225□L
X7R
2.2
±10, ±20
3.5
1.6±0.2
R
200%
TMK316 B7475□L
TMK316AB7475□L
X7R
4.7
±10, ±20
10
1.6±0.2
R
200%
D
TMK316 B7106□L
TMK316AB7106□L
X7R
10
±10, ±20
10
1.6±0.2
R
150%
D
16V
EMK316 B7225□L
X7R
2.2
±10, ±20
3.5
1.6±0.2
R/W
200%
EMK316 B7106□L
EMK316AB7106□L
X7R
10
±10, ±20
10
1.6±0.2
R
200%
D
10V
LMK316 B7225□L
X7R
2.2
±10, ±20
3.5
1.6±0.2
R/W
200%
LMK316 B7475□L
X7R
4.7
±10, ±20
5
1.6±0.2
R
200%
LMK316 B7106□L
LMK316AB7106□L
X7R
10
±10, ±20
10
1.6±0.2
R
200%
D
LMK316 B7226ML
LMK316AB7226ML
X7R
22
±20
10
1.6±0.2
R
150%
R
6.3V
JMK316 B7106□L
X7R
10
±10, ±20
5
1.6±0.2
R
200%
Capacitance tolerance code is applied to □ of part number.
【Temperature Characteristic F:F/Y5V】
・1.6mm thickness(L)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
35V
GMK316 F106ZL
F/Y5V
10
+80/-20
9
1.6±0.2
R
200%
25V
TMK316 F106ZL
F/Y5V
10
+80/-20
9
1.6±0.2
R
200%
16V
EMK316 F106ZL
F/Y5V
10
+80/-20
9
1.6±0.2
R
200%
10V
LMK316 F226ZL
F/Y5V
22
+80/-20
16
1.6±0.2
R
200%
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK316 F225ZG
F/Y5V
2.2
+80/-20
7
1.25±0.1
R/W
200%
35V
GMK316 F475ZG
F/Y5V
4.7
+80/-20
7
1.25±0.1
R
200%
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
10V
LMK316 F475ZD
F/Y5V
4.7
+80/-20
9
0.85±0.1
R
200%
6.3V
JMK316 F106ZD
F/Y5V
10
+80/-20
16
0.85±0.1
R
200%


Similar Part No. - JMK212BJ475K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK212BJ475KD-T TAIYO-YUDEN-JMK212BJ475KD-T Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - JMK212BJ475K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com