Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK212BJ105D Datasheet(PDF) 26 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK212BJ105D
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK212BJ105D Datasheet(HTML) 26 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EMK212BJ105D Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 23Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 24Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 25Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 26Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 27Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 28Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 29Page - Taiyo Yuden (U.S.A.), Inc EMK212BJ105D Datasheet HTML 30Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
26
11
mlcc06_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE CAPACITANCE RANGE
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Packaging
T
φ178mm Taping
(4mm pitch)
The use of nickel as electrode material prevents migration and pro-
vides high reliability.
Small case sizes with high rated voltage.
General telephone exchange
Inverter
Wireless and Telecommunication base
For DC/DC Converter
MEDIUM-HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS
REFLOW
H M K 3 1 6 △ B J 1 0 4 K L - T △
Rated
voltage〔VDC〕
H
100
Q
250
S
630
Thickness
〔mm〕
A
0.8
D
0.85
G
1.25
F
1.15
L
1.6
N
1.9
M
2.5
Special code
- Standard
Internal code
Standard
△=Blank space
Special code
K
±10%
M
±20%
Series name
M
Multilayer ceramic
capacitor
Temperature
characteristics code
BJ
B
X5R
C7
X7S
B7
X7R
Dimension
Type (inch) L×W[mm]
107 (0603) 1.6×0.8
212 (0805) 2.0×1.25
316 (1206) 3.2×1.6
325 (1210) 3.2×2.5
432 (1812) 4.5×3.2
Dimension
tolerance
Standard
△=Blank space
End
termination
K
Plated
Nominal
capacitance〔pF〕
example
104
100,000
105
1,000,000
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.8±0.10
A
0.35±0.25
4000
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.85±0.10
D
0.5±0.25
4000
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
1.15±0.10
F
0.5 +0.35/ー0.25
3000
1.6±0.20
L
2000
□MK325
(1210 inch)
3.2±0.3
2.5±0.20
1.15±0.10
F
0.6±0.3
2000
1.9±0.20
N
□MK432
(1812 inch)
4.5±0.4
3.2±0.30
2.5±0.20
M
0.9±0.6
500
Cap
[μF]
Type
107
212
316
325
432
X7R X7S B/X5R
X7R
B/X5R
X7R
B/X5R
X7R
B/X5R
X7R
B/X5R
VDC
100
100
100
100
250
100
250
100
250
630
100
250
630
100
250
630
100
250 630
100
250
630
100
250
630
[3-digit]
0.001
102
A
A
D
D
F
F
0.0015
152
A
A
D
D
F
F
0.0022
222
A
A
D
D
F
F
0.0033
332
A
A
D
D
F
F
0.0047
472
A
A
G
G
F
F
0.0068
682
A
A
G
G
F
F
0.01
103
A
A
G
G
G
G
F
F
0.015
153
A
A
G
G
G
G
L
L
0.022
223
A
A
G
G
G
G
L
L
N
N
0.033
333
A
A
G
G
L
L
N
N
0.047
473
G
G
L
L
L
L
N
N
N
N
M
M
0.068
683
G
G
L
L
L
L
M
M
0.1
104
A
A
G
G
L
L
L
L
F
N
F
N
M
M
M
M
0.15
154
L
L
N
N
N
N
0.22
224
G
G
L
L
N
N
N
N
M
M
0.33
334
L
L
N
N
M
M
0.47
474
L
L
N
N
M
M
M
M
0.68
684
N
N
1.0
105
L
L
N
N
M
M
1.5
155
M
M
2.2
225
N
N
M
M
※Letters in the table indicate thickness.


Similar Part No. - EMK212BJ105D

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK212BJ105KD-T TAIYO-YUDEN-EMK212BJ105KD-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212BJ105KDHT TAIYO-YUDEN-EMK212BJ105KDHT Datasheet
303Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK212BJ105KGHT TAIYO-YUDEN-EMK212BJ105KGHT Datasheet
305Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK212BJ105MD-T TAIYO-YUDEN-EMK212BJ105MD-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212BJ105MDHT TAIYO-YUDEN-EMK212BJ105MDHT Datasheet
303Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - EMK212BJ105D

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com