Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK212ABJ106G Datasheet(PDF) 13 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK212ABJ106G
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK212ABJ106G Datasheet(HTML) 13 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EMK212ABJ106G Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ106G Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
15
11
mlcc02_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Class1【SL characteristic】
Class1【RH characteristic】
Class1【S△ characteristic】
Class1【T△ characteristic】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 SL121JV
SL
120
±5%
1000
0.5±0.05
R
200%
UMK105 SL151JV
SL
150
±5%
1000
0.5±0.05
R
200%
UMK105 SL181JV
SL
180
±5%
1000
0.5±0.05
R
200%
UMK105 SL221JV
SL
220
±5%
1000
0.5±0.05
R
200%
UMK105 SL271JV
SL
270
±5%
1000
0.5±0.05
R
200%
UMK105 SL331JV
SL
330
±5%
1000
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 RH5R6JW
RH
5.6
±5%
512
0.5±0.05
R
200%
UMK105 RH6R8JW
RH
6.8
±5%
536
0.5±0.05
R
200%
UMK105 RH8R2JW
RH
8.2
±5%
564
0.5±0.05
R
200%
UMK105 RH100JW
RH
10
±5%
600
0.5±0.05
R
200%
UMK105 RH120JW
RH
12
±5%
640
0.5±0.05
R
200%
UMK105 RH150JW
RH
15
±5%
700
0.5±0.05
R
200%
UMK105 RH180JW
RH
18
±5%
760
0.5±0.05
R
200%
UMK105 RH200JW
RH
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 SK0R5BW
SK
0.5
±0.1pF
410
0.5±0.05
R
200%
UMK105 SK010BW
SK
1
±0.1pF
420
0.5±0.05
R
200%
UMK105 SK1R2BW
SK
1.2
±0.1pF
424
0.5±0.05
R
200%
UMK105 SK1R5BW
SK
1.5
±0.1pF
430
0.5±0.05
R
200%
UMK105 SK1R8BW
SK
1.8
±0.1pF
436
0.5±0.05
R
200%
UMK105 SK2R2JW
SK
2.2
±5%
444
0.5±0.05
R
200%
UMK105 SK2R7JW
SK
2.7
±5%
454
0.5±0.05
R
200%
UMK105 SJ3R3JW
SJ
3.3
±5%
466
0.5±0.05
R
200%
UMK105 SJ3R9JW
SJ
3.9
±5%
478
0.5±0.05
R
200%
UMK105 SH4R7JW
SH
4.7
±5%
494
0.5±0.05
R
200%
UMK105 SH5R6JW
SH
5.6
±5%
512
0.5±0.05
R
200%
UMK105 SH6R8JW
SH
6.8
±5%
536
0.5±0.05
R
200%
UMK105 SH8R2JW
SH
8.2
±5%
564
0.5±0.05
R
200%
UMK105 SH100JW
SH
10
±5%
600
0.5±0.05
R
200%
UMK105 SH120JW
SH
12
±5%
640
0.5±0.05
R
200%
UMK105 SH150JW
SH
15
±5%
700
0.5±0.05
R
200%
UMK105 SH180JW
SH
18
±5%
760
0.5±0.05
R
200%
UMK105 SH200JW
SH
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 TK0R5BW
TK
0.5
±0.1pF
410
0.5±0.05
R
200%
UMK105 TK010BW
TK
1
±0.1pF
420
0.5±0.05
R
200%
UMK105 TK1R2BW
TK
1.2
±0.1pF
424
0.5±0.05
R
200%
UMK105 TK1R5BW
TK
1.5
±0.1pF
430
0.5±0.05
R
200%
UMK105 TK1R8BW
TK
1.8
±0.1pF
436
0.5±0.05
R
200%
UMK105 TK2R2JW
TK
2.2
±5%
444
0.5±0.05
R
200%
UMK105 TK2R7JW
TK
2.7
±5%
454
0.5±0.05
R
200%
UMK105 TK3R3JW
TK
3.3
±5%
466
0.5±0.05
R
200%
UMK105 TK3R9JW
TK
3.9
±5%
478
0.5±0.05
R
200%
UMK105 TJ4R7JW
TJ
4.7
±5%
494
0.5±0.05
R
200%
UMK105 TJ5R6JW
TJ
5.6
±5%
512
0.5±0.05
R
200%
UMK105 TJ6R8JW
TJ
6.8
±5%
536
0.5±0.05
R
200%
UMK105 TJ8R2JW
TJ
8.2
±5%
564
0.5±0.05
R
200%
UMK105 TJ100JW
TJ
10
±5%
600
0.5±0.05
R
200%
UMK105 TJ120JW
TJ
12
±5%
640
0.5±0.05
R
200%
UMK105 TJ150JW
TJ
15
±5%
700
0.5±0.05
R
200%
UMK105 TJ180JW
TJ
18
±5%
760
0.5±0.05
R
200%
UMK105 TJ200JW
TJ
20
±5%
800
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.


Similar Part No. - EMK212ABJ106G

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK212ABJ106KD-T TAIYO-YUDEN-EMK212ABJ106KD-T Datasheet
291Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212ABJ106KG-T TAIYO-YUDEN-EMK212ABJ106KG-T Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212ABJ106MD-T TAIYO-YUDEN-EMK212ABJ106MD-T Datasheet
291Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212ABJ106MG-T TAIYO-YUDEN-EMK212ABJ106MG-T Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK212ABJ106G

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com