Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4919 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N4919
Description  Medium-Power Plastic PNP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4919 Datasheet(HTML) 1 Page - ON Semiconductor

  2N4919 Datasheet HTML 1Page - ON Semiconductor 2N4919 Datasheet HTML 2Page - ON Semiconductor 2N4919 Datasheet HTML 3Page - ON Semiconductor 2N4919 Datasheet HTML 4Page - ON Semiconductor 2N4919 Datasheet HTML 5Page - ON Semiconductor 2N4919 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 11
1
Publication Order Number:
2N4918/D
2N4918 − 2N4920* Series
Preferred Device
Medium−Power Plastic PNP
Silicon Transistors
These medium−power, high−performance plastic devices are
designed for driver circuits, switching, and amplifier applications.
Features
Pb−Free Package is Available**
Low Saturation Voltage − V
CE(sat) = 0.6 Vdc (Max) @ IC = 1.0 A
Excellent Power Dissipation Due to Thermopad Construction,
PD = 30 W @ TC = 25
_C
Excellent Safe Operating Area
Gain Specified to I
C = 1.0 A
Complement to NPN 2N4921, 2N4922, 2N4923
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
2N4918
2N4919
2N4920
VCEO
40
60
80
Vdc
Collector − Base Voltage
2N4918
2N4919
2N4920
VCBO
40
60
80
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
(Note 1)
IC
(Note 2)
1.0
3.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
30
0.24
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. The 1.0 A max IC value is based upon JEDEC current gain requirements. The
3.0 A max value is based upon actual current−handling capability of the
device (See Figure 5).
2. Indicates JEDEC Registered Data for 2N4918 Series.
THERMAL CHARACTERISTICS (Note 3)
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
qJC
4.16
°C/W
3. Recommend use of thermal compound for lowest thermal resistance.
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
3.0 A, 40−80 V, 30 W
GENERAL PURPOSE
POWER TRANSISTORS
*Preferred devices are recommended choices for future
use and best overall value.
TO−225
CASE 077
STYLE 1
1
2
3
http://onsemi.com
xx
= 18, 19, 20
Y
= Year
WW
= Work Week
MARKING DIAGRAM
YWW
2N
49xx
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - 2N4919

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4919 ONSEMI-2N4919 Datasheet
113Kb / 8P
   GENERAL.PURPOSE POWER TRANSISTORS
April, 2002 ??Rev. 10
2N4919 ONSEMI-2N4919 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Savantic, Inc.
2N4919 SAVANTIC-2N4919 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4919 ISC-2N4919 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
More results

Similar Description - 2N4919

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
BD436 ONSEMI-BD436 Datasheet
64Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2005 ??Rev. 14
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
   Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com