Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK212ABJ475G Datasheet(PDF) 46 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK212ABJ475G
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK212ABJ475G Datasheet(HTML) 46 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EMK212ABJ475G Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 48Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 49Page - Taiyo Yuden (U.S.A.), Inc EMK212ABJ475G Datasheet HTML 50Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
11
mlcc_reli-R3
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
13. Resistance to Soldering
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±2.5% or ±0.25pF, whichever is larger.
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±2.5%
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±7.5%(BJ, B7, C6, C7)
Within ±20%(F)
Dissipation factor:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Class 1
042, 063 Type
105 Type
Array(096, 110 Type)
Preconditioning
None
Preheating
150℃, 1 to 2 min.
80 to 100℃, 2 to 5 min.
150 to 200℃, 2 to 5 min.
Solder temp.
270±5℃
Duration
3±0.5 sec.
Recovery
6 to 24 hrs(Standard condition)Note 5
 
Class 2
042、063 Type
105, 107, 212 Type
Array(096, 110,212 Type)
316, 325 Type
Preconditioning
Thermal treatment(at 150℃ for 1 hr)Note 2
Preheating
150℃, 1 to 2 min.
80 to 100℃, 2 to 5 min.
150 to 200℃, 2 to 5 min.
80 to 100℃, 5 to 10 min.
150 to 200℃, 5 to 10 min.
Solder temp.
270±5℃
Duration
3±0.5 sec.
Recovery
24±2 hrs(Standard condition)Note 5
14. Temperature Cycle (Thermal Shock)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±2.5% or ±0.25pF, whichever is larger.
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±0.25pF
Q:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±7.5%(BJ, B7, C6, C7)
Within ±20%(F)
Dissipation factor:
Initial value
Insulation resistance: Initial value
Withstanding voltage(between terminals):No abnormality
【Test Methods and Remarks】
Class 1
Class 2
Preconditioning
None
Thermal treatment(at 150℃ for 1 hr)Note 2
1 cycle
Step
Temperature(℃)
Time(min.)
1
Lowest operating temperature +0/-3
30±3
2
Normal temperature
2 to 3
3
Highest operating temperature +0/-3
30±3
4
Normal temperature
2 to 3
Number of cycles
5 times
Recovery
6 to 24 hrs(Standard condition)Note 5
24±2 hrs(Standard condition)Note 5
15. Humidity(Steady State)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance:
No abnormality
Capacitance change: Within ±5% or ±0.5pF, whichever is larger.
Q:
C<10pF:
Q≧200+10C 
10≦C<30pF: Q≧275+2.5C
C≧30pF:
Q≧350
(C:Nominal capacitance)
Insulation resistance: 1000 MΩ min.
High Frequency Type
Appearance:
No abnormality
Capacitance change: Within ±0.5pF,
Insulation resistance: 1000 MΩ min.
High Permittivity(Class 2) Note 1
Appearance:
No abnormality
Capacitance change: Within ±12.5%(BJ, B7, C6, C7)
Within ±30%(F)
Dissipation factor:
5.0% max.(BJ, B7, C6, C7)
11.0% max.(F)
Insulation resistance: 50 MΩμF or 1000 MΩ whichever is smaller.
【Test Methods and Remarks】
Class 1
Standard
High Frequency Type
Preconditioning
None
Temperature
40±2℃
60±2℃
Humidity
90 to 95%RH
Duration
500+24/ー0 hrs
Recovery
6 to 24 hrs(Standard condition)Note 5
 
Class 2
All items
Preconditioning
Thermal treatment(at 150℃ for 1 hr) Note 2
Temperature
40±2℃
Humidity
90 to 95%RH
Duration
500+24/ー0 hrs
Recovery
24±2 hrs(Standard condition)Note 5


Similar Part No. - EMK212ABJ475G

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK212ABJ475KG-T TAIYO-YUDEN-EMK212ABJ475KG-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212ABJ475KG8T TAIYO-YUDEN-EMK212ABJ475KG8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
EMK212ABJ475KGHT TAIYO-YUDEN-EMK212ABJ475KGHT Datasheet
307Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK212ABJ475MG-T TAIYO-YUDEN-EMK212ABJ475MG-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK212ABJ475MG8T TAIYO-YUDEN-EMK212ABJ475MG8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - EMK212ABJ475G

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com