Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG2112AIDWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LOG2112AIDWR
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG2112AIDWR Datasheet(HTML) 4 Page - Texas Instruments

  LOG2112AIDWR Datasheet HTML 1Page - Texas Instruments LOG2112AIDWR Datasheet HTML 2Page - Texas Instruments LOG2112AIDWR Datasheet HTML 3Page - Texas Instruments LOG2112AIDWR Datasheet HTML 4Page - Texas Instruments LOG2112AIDWR Datasheet HTML 5Page - Texas Instruments LOG2112AIDWR Datasheet HTML 6Page - Texas Instruments LOG2112AIDWR Datasheet HTML 7Page - Texas Instruments LOG2112AIDWR Datasheet HTML 8Page - Texas Instruments LOG2112AIDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LOG112, 2112
4
SBOS246D
www.ti.com
FREQUENCY RESPONSE, CORE LOG(5)
BW, 3dB
I2 = 10nA
CC = 4500pF
0.1
kH
I2 = 1µACC = 150pF
38
kH
I2 = 10µACC = 150pF
40
kH
I2 = 1mA
CC = 50pF
45
kHz
Step Response
Increasing
I1 = 10nA to 100nA
CC = 120pF, I2 = 31.6nA
1.1
ms
I1 = 1µA to 100µACC = 375pF, I2 = 10µA
1.6
µs
I1 = 1µA to 1mA
CC = 950pF, I2 = 31.6µA
1.5
µs
Decreasing
I1 = 100nA to 10nA
CC = 120pF, I2 = 31.6nA
2.1
ms
I1 = 100µA to 1µACC = 375pF, I2 = 10µA
31.2
µs
I1 = 1mA to 1µACC = 950pF, I2 = 31.6µA39
µs
Increasing
I2 = 10nA to 100nA
CC = 125pF, I1 = 31.6nA
2.6
ms
I2 = 1µA to 100µACC = 750pF, I1 = 10µA
113
µs
I2 = 1µA to 1mA
CC = 10.5nF, I1 = 31.6µA
1.2
ms
Decreasing
I2 = 100nA to 10nA
CC = 125pF, I1 = 31.6nA
630
µs
I2 = 100µA to 1µACC = 750pF, I1 = 10µA
6.6
µs
I2 = 1mA to 1µACC = 10.5nF, I1 = 31.6µA
13.3
µs
OP AMP, A3
Input Offset Voltage
+250
±1000
µV
vs Temperature
TMIN to TMAX
±2
µV/°C
vs Supply
VS
=
±4.5V to ±18V
5
50
µV/V
Input Bias Current
–10
nA
Input Offset Current
±0.5
nA
Input Voltage Range
(V–)
(V+) – 1.5
V
Input Noise, f = 0.1Hz to 10Hz
1
µV
PP
f = 1kHz
28
nV/√Hz
Open-Loop Voltage Gain
88
dB
Gain-Bandwidth Product
1.4
MHz
Slew Rate
0.5
V/
µs
Settling Time, 0.01%
G = –1, 3V Step, CL = 100pF
16
µs
Rated Output
(V–) + 1.5
(V+) – 0.9
V
Short-Circuit Current
±4mA
VOLTAGE REFERENCE
Bandgap Voltage
2.5
V
Error, Initial
±0.05
±0.5
%
vs Temperature
TMIN to TMAX
±25
ppm/
°C
vs Supply
VS = ±4.5V to ±18V
±10
ppm/V
vs Load
ILOAD = 10mA
±600
ppm/mA
Short-Circuit Current
16
mA
POWER SUPPLY
Operating Range
VS
±4.5
±18
V
Quiescent Current
IO = 0
LOG112
±1.25
±1.75
mA
LOG2112
±2.5
±3.5
mA
TEMPERATURE RANGE
Specified Range, TMIN to TMAX
–575
°C
Operating Range
–40
85
°C
Storage Range
–55
125
°C
Thermal Resistance,
θ
JA SO-14
110
°C/W
SO-16
80
°C/W
NOTES: (1) Log Conformity Error is the peak deviation from the best-fit-straight line of VO vs LOG(I1/I2) curve expressed as a percent of peak-to-peak full-scale
output. K, scale factor, equals 0.5V output per decade of input current. (2) Scale factor of core log function is trimmed to 0.5V output per decade change of input
current. (3) Worst-case Total Error for any ratio of I1/I2, as the largest of the two errors, when I1 and I2 are considered separately. (4) Total Error includes offset
voltage, bias current, gain, and log conformity. (5) Bandwidth (3dB) and transient response are a function of both the compensation capacitor and the level of input
current.
ELECTRICAL CHARACTERISTICS (Cont.)
Boldface limits apply over the specified temperature range, TA = –5°C to +75°C.
At TA = +25°C, VS = ±5V, and RL = 10kΩ, unless otherwise noted.
LOG112, LOG2112
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS


Similar Part No. - LOG2112AIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG2112AIDWR TI-LOG2112AIDWR Datasheet
305Kb / 14P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG2112AIDWR TI-LOG2112AIDWR Datasheet
761Kb / 20P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG2112AIDWRE4 TI-LOG2112AIDWRE4 Datasheet
761Kb / 20P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
More results

Similar Description - LOG2112AIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG112AIDE4 TI-LOG112AIDE4 Datasheet
761Kb / 20P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG112 TI-LOG112 Datasheet
305Kb / 14P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
   Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
[Old version datasheet]   Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
   Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 BURR-BROWN-LOG100 Datasheet
123Kb / 9P
   Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
[Old version datasheet]   LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com