Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQE2690E Datasheet(PDF) 3 Page - Texas Instruments

Part # LMX2541SQE2690E
Description  LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2541SQE2690E Datasheet(HTML) 3 Page - Texas Instruments

  LMX2541SQE2690E Datasheet HTML 1Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 2Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 3Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 4Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 5Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 6Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 7Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 8Page - Texas Instruments LMX2541SQE2690E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
VCO
VREG
Charge
Pump
Fast
Lock
I
DATA
CLK
LE
CE
FRAC
VREG
VregVCO
VrefVCO
OSCin
OSCin*
RFout
Vtune
CPout
FLout
Ftest/LD
MUX
2-63
Divider
Modulus
Control
4/5
Prescaler
Comp
N Divider
RFoutEN
VregFRAC
2X
R
Divider
MUX
Serial Interface
Control
ExtVCOin
RFout
VREG
LMX2541SQ2060E, LMX2541SQ2380E
LMX2541SQ2690E, LMX2541SQ3030E
LMX2541SQ3320E, LMX2541SQ3740E
www.ti.com
SNOSB31I – JULY 2009 – REVISED FEBRUARY 2013
Performance
What Makes it
Why
Characteristic
Better
Operating in
the lower
VCO Phase
At the lower end of the tuning range, the VCO phase noise is less because the tuning gain is less. This
frequency
Noise
provides better phase noise, even accounting for the difference in frequency.
range of the
VCO
Considering the fractional spurs and phase noise, the channel spacing at the 2380E VCO would be 200 kHz.
When this is divided by two, the offset of these spurs does not change and the spurs at the VCO output would be
reduced by a factor of 20·log(2) = 6 dB. The channel spacing at the 3740E VCO would be 300 kHz and these
spurs would be reduced by a factor of 20·log(3) = 9.5 dB. So the spurs of the 3740E option would probably be
better by virtue of the fact that they are farther from the carrier and easier to filter and also that they are divided
down more by the VCO divider. The fractional phase noise would also be (9.5 - 6) = 3.5 dB better by the same
reasoning.
Now consider the VCO phase noise. For the 3740E option, 1200 - 1250 MHz corresponds to a VCO frequency of
3600 - 3750 MHz, which is closer to the lower end of the tuning range for this device. For the 2380E option, this
would correspond to 2400 - 2500 MHz, which is closer to the higher end of the tuning range. To verify this, take
the phase noise numbers from the electrical specifications, extrapolate them to the actual frequencies, and then
subtract a factor of 20·log(VCO_DIV). For the 2380E option, this works out to -116 dBc/Hz at 1200 MHz and -
115.4 dBc/Hz at 1250 MHz. For the 3740E option, this works out to -117.4 dBc/Hz at 1200 MHz and -116.9
dBc/Hz at 1250 MHz.
Functional Block Diagram
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMX2541SQ2060E LMX2541SQ2380E LMX2541SQ2690E LMX2541SQ3030E
LMX2541SQ3320E LMX2541SQ3740E


Similar Part No. - LMX2541SQE2690E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQE2690E TI1-LMX2541SQE2690E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQE2690E/NOPB TI1-LMX2541SQE2690E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2541SQE2690E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com