Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP40N60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SGP40N60
Description  Ultra-Fast IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGP40N60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SGP40N60 Datasheet HTML 1Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 2Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 3Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 4Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 5Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 6Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
SGP40N60UF Rev. A1
IGBT
SGP40N60UF
Ultra-Fast IGBT
General Description
Fairchild's UF series of Insulated Gate Bipolar Transistors
(IGBTs) provides low conduction and switching losses.
The UF series is designed for applications such as motor
control and general inverters where high speed switching is
a required feature.
Features
• High speed switching
• Low saturation voltage : VCE(sat) = 2.1 V @ IC = 20A
• High input impedance
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
SGP40N60UF
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C40
A
Collector Current
@ TC = 100°C20
A
ICM (1)
Pulsed Collector Current
160
A
PD
Maximum Power Dissipation
@ TC = 25°C
160
W
Maximum Power Dissipation
@ TC = 100°C64
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for Soldering
Purposes, 1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.77
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
Applications
AC & DC motor controls, general purpose inverters, robotics, and servo controls.
G
C
E
G
C
E
TO-220
G C E


Similar Part No. - SGP40N60

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SGP40 SENSIRION-SGP40 Datasheet
1Mb / 19P
   Indoor Air Quality Sensor for VOC Measurements
SGP40-D-R4 SENSIRION-SGP40-D-R4 Datasheet
1Mb / 19P
   Indoor Air Quality Sensor for VOC Measurements
logo
Fairchild Semiconductor
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400DZ FAIRCHILD-SGP400DZ Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400TZ FAIRCHILD-SGP400TZ Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SGP40N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com