Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP40N60 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SGP40N60
Description  Ultra-Fast IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGP40N60 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SGP40N60 Datasheet HTML 1Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 2Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 3Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 4Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 5Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 6Page - Fairchild Semiconductor SGP40N60 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SGP40N60UF Rev. A1
©2002 Fairchild Semiconductor Corporation
110
100
200
50
100
1000
2000
Eon
Eoff
Eon
Eoff
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Gate Resistance, R
G []
110
100
200
20
100
1000
Toff
Tf
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Gate Resistance, R
G []
110
100
200
10
100
300
Common Emitter
V
CC = 300V, VGE =
± 15V
I
C = 20A
T
C =
25℃
T
C = 125
Ton
Tr
Gate Resistance, R
G []
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current
10
15
20
25
30
35
40
20
100
1000
Toff
Tf
Toff
Tf
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 10
T
C =
25℃
T
C = 125
Collector Current, I
C [A]
110
30
0
500
1000
1500
2000
2500
Cres
Coes
Cies
Common Emitter
V
GE
= 0V, f = 1MHz
T
C
= 25℃
Collector - Emitter Voltage, V
CE [V]
10
15
20
25
30
35
40
10
100
200
Ton
Tr
Common Emitter
V
CC = 300V, VGE =
± 15V
R
G = 10
T
C =
25℃
T
C = 125
Collector Current, I
C [A]


Similar Part No. - SGP40N60

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SGP40 SENSIRION-SGP40 Datasheet
1Mb / 19P
   Indoor Air Quality Sensor for VOC Measurements
SGP40-D-R4 SENSIRION-SGP40-D-R4 Datasheet
1Mb / 19P
   Indoor Air Quality Sensor for VOC Measurements
logo
Fairchild Semiconductor
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400DZ FAIRCHILD-SGP400DZ Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400TZ FAIRCHILD-SGP400TZ Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SGP40N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS13N60UFD FAIRCHILD-SGS13N60UFD Datasheet
610Kb / 8P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com