Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK107B7474A Datasheet(PDF) 44 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK107B7474A
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK107B7474A Datasheet(HTML) 44 Page - Taiyo Yuden (U.S.A.), Inc

Back Button UMK107B7474A Datasheet HTML 40Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc UMK107B7474A Datasheet HTML 48Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
11
mlcc_reli-R1
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
7. Q or Dissipation Factor
Specified
Value
Temperature Compensating
(Class 1)
Standard
C<30 pF:Q≧400+20C、C≧30 pF:Q≧1000 (C:Nominal capacitance)
High Frequency Type
Refer to detailed specification
High Permittivity(Class 2)Note 1
BJ, B7, C6,C7:2.5% max., F:7% max.
【Test Methods and Remarks】
High Frequency Type
Measuring equipment: HP4291A
Measuring jig: HP16192A
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment(at 150℃ for 1hr)Note 2
Measuring frequency
1MHz±10%
1GHz
1kHz±10%
120±10Hz
Measuring voltage Note 1
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1Vrms
Bias application
None
6. Capacitance(Tolerance)
Specified
Value
Temperature Compensating
(Class 1)
Standard
C△
U△
0.5pF≦C≦5pF:±0.25pF
0.5pF<C≦10pF:±0.5pF
C>10pF:±5%
 
RH
S△
T△
0.5pF≦C≦2pF:±0.1pF
C>2pF:±5%
High Frequency Type
CH
RH
0.5pF≦C≦2pF:±0.1pF
C>2pF:±5%
High Permittivity(Class 2)
BJ, B7, C6,C7:±10% or ±20%, F:-20%/+80%
【Test Methods and Remarks】
Class 1
Class 2
Standard
High Frequency Type
C≦10μF
C>10μF
Preconditioning
None
Thermal treatment(at 150℃ for 1hr)Note 2
Measuring frequency
1MHz±10%
1kHz±10%
120±10Hz
Measuring voltage Note 1
0.5 to 5Vrms
1±0.2Vrms
0.5±0.1Vrms
Bias application
None
5. Insulation Resistance
Specified
Value
Temperature Compensating
(Class 1)
Standard
10000 MΩ min.
High Frequency Type
High Permittivity(Class 2)Note 1
C≦0.047μF : 10000 MΩ min.
C>0.047μF : 500MΩ・μF
【Test Methods and Remarks】
Applied voltage: Rated voltage
Duration: 60±5 sec.
Charge/discharge current: 50mA max.
4. Withstanding Voltage(Between terminals)
Specified
Value
Temperature Compensating
(Class 1)
Standard
No breakdown or damage
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Class 1
Class 2
Applied voltage
Rated voltage×3 Rated voltage×2.5
Duration
1 to 5 sec.
Charge/discharge current
50mA max.
3. Rated Voltage
Specified
Value
Temperature Compensating
(Class 1)
Standard
50VDC, 25VDC, 16VDC
High Frequency Type
50VDC, 16VDC
High Permittivity(Class 2)
50VDC, 35VDC, 25VDC, 16VDC, 10VDC, 6.3VDC, 4VDC
2. Storage Conditions
Specified
Value
Temperature Compensating
(Class 1)
Standard
-55 to +125℃
High Frequency Type
High Permittivity(Class 2)
Specification
Temperature Range
BJ
B
-25 to +85℃
X5R
-55 to +85℃
B7
X7R
-55 to +125℃
C6
X6S
-55 to +105℃
C7
X7S
-55 to +125℃
F
F
-25 to +85℃
Y5V
-30 to +85℃
1.Operating Temperature Range
Specified
Value
Temperature Compensating
(Class 1)
Standard
-55 to +125℃
High Frequency Type
High Permittivity(Class 2)
Specification
Temperature Range
BJ
B
-25 to +85℃
X5R
-55 to +85℃
B7
X7R
-55 to +125℃
C6
X6S
-55 to +105℃
C7
X7S
-55 to +125℃
F
F
-25 to +85℃
Y5V
-30 to +85℃
Multilayer Ceramic Capacitors
Super Low Distortion Multilayer Ceramic Capacitors and Medium-High
Voltage Multilayer Ceramic Capacitors are noted separately.


Similar Part No. - UMK107B7474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107B7474A TAIYO-YUDEN-UMK107B7474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - UMK107B7474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com