Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK107BJ474A Datasheet(PDF) 49 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK107BJ474A
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK107BJ474A Datasheet(HTML) 49 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EMK107BJ474A Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 48Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 49Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 50Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 51Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
11
mlcc_prec-P2
mlcc_prec_e-01
PRECAUTIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Precautions on the use of Multilayer Ceramic Capacitors
2. PCB Design
Technical
consider-
ations
◆Pattern configurations(Capacitor layout on PCBs)
1-1. The following is examples of good and bad capacitor layouts ; capacitors shall be located to minimize any possible mechanical stresses from board warp or de-
flection.
Items
Not recommended
Recommended
Deflection of board
1-2. The amount of mechanical stresses given will vary depending on capacitor layout. Please refer to diagram below.
1-3. When PCB is split, the amount of mechanical stress on the capacitors can vary according to the method used. The following methods are listed in order from
least stressful to most stressful: push-back, slit, V-grooving, and perforation. Thus, please consider the PCB, split methods as well as chip location.
3. Mounting
Precautions
◆Adjustment of mounting machine
1.When capacitors are mounted on PCB, excessive impact load shall not be imposed on them.
2.Maintenance and inspection of mounting machines shall be conducted periodically.
◆Selection of Adhesives
1.When chips are attached on PCBs with adhesives prior to soldering, it may cause capacitor characteristics degradation unless the following factors are appro-
priately checked : size of land patterns, type of adhesive, amount applied, hardening temperature and hardening period. Therefore, please contact us for further
information.
Technical
consider-
ations
◆Adjustment of mounting machine
1. When the bottom dead center of a pick-up nozzle is too low, excessive force is imposed on capacitors and causes damages. To avoid this, the following points
shall be considerable.
(1)The bottom dead center of the pick-up nozzle shall be adjusted to the surface level of PCB without the board deflection.
(2)The pressure of nozzle shall be adjusted between 1 and 3 N static loads.
(3)To reduce the amount of deflection of the board caused by impact of the pick-up nozzle, supporting pins or back-up pins shall be used on the other side of the
PCB. The following diagrams show some typical examples of good and bad pick-up nozzle placement:
Items
Not recommended
Recommended
Single-sided
mounting
Double-sided
mounting
2. As the alignment pin is worn out, adjustment of the nozzle height can cause chipping or cracking of capacitors because of mechanical impact on the capacitors.
To avoid this, the monitoring of the width between the alignment pins in the stopped position, maintenance, check and replacement of the pin shall be conducted
periodically.
◆Selection of Adhesives
Some adhesives may cause IR deterioration. The different shrinkage percentage of between the adhesive and the capacitors may result in stresses on the capaci-
tors and lead to cracking. Moreover, too little or too much adhesive applied to the board may adversely affect components. Therefore, the following precautions
shall be noted in the application of adhesives.
(1)Required adhesive characteristics
a. The adhesive shall be strong enough to hold parts on the board during the mounting & solder process.
b. The adhesive shall have sufficient strength at high temperatures.
c. The adhesive shall have good coating and thickness consistency.
d. The adhesive shall be used during its prescribed shelf life.
e. The adhesive shall harden rapidly.
f . The adhesive shall have corrosion resistance.
g. The adhesive shall have excellent insulation characteristics.
h. The adhesive shall have no emission of toxic gasses and no effect on the human body.
(2)The recommended amount of adhesives is as follows;
[Recommended condition]
Figure
212/316 case sizes as examples
a
0.3mm min
b
100 to 120μm
c
Adhesives shall not contact land
  


Similar Part No. - EMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK107BJ474A TAIYO-YUDEN-EMK107BJ474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - EMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com