Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMK107BJ474A Datasheet(PDF) 30 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK107BJ474A
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK107BJ474A Datasheet(HTML) 30 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EMK107BJ474A Datasheet HTML 26Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 27Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 28Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 29Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 30Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 31Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 32Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 33Page - Taiyo Yuden (U.S.A.), Inc EMK107BJ474A Datasheet HTML 34Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
11
mlcc06_e-01
ELECTRICAL CHARACTERISTICS
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Temperature characteristics
432TYPE
【Temperature Characteristic BJ:B/X5R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK432 BJ474□M
B/X5R*1
470000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ105□M
B/X5R*1
1000000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ155□M
B/X5R*1
1500000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 BJ225□M
B/X5R*1
2200000
±10, ±20
3.5
2.5±0.2
R
200%
250V
QMK432 BJ104□M
B/X5R*1
100000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ224□M
B/X5R*1
220000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ334□M
B/X5R*1
330000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 BJ474□M
B/X5R*1
470000
±10, ±20
2.5
2.5±0.2
R
150%
630V
SMK432 BJ473□M
B/X5R*1
47000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 BJ683□M
B/X5R*1
68000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 BJ104□M
B/X5R*1
100000
±10, ±20
2.5
2.5±0.2
R
120%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
【Temperature Characteristic B7:X7R】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
100V
HMK432 B7474□M
X7R
470000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7105□M
X7R
1000000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7155□M
X7R
1500000
±10, ±20
3.5
2.5±0.2
R
200%
HMK432 B7225□M
X7R
2200000
±10, ±20
3.5
2.5±0.2
R
200%
250V
QMK432 B7104□M
X7R
100000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7224□M
X7R
220000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7334□M
X7R
330000
±10, ±20
2.5
2.5±0.2
R
150%
QMK432 B7474□M
X7R
470000
±10, ±20
2.5
2.5±0.2
R
150%
630V
SMK432 B7473□M
X7R
47000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 B7683□M
X7R
68000
±10, ±20
2.5
2.5±0.2
R
120%
SMK432 B7104□M
X7R
100000
±10, ±20
2.5
2.5±0.2
R
120%
Capacitance tolerance code is applied to □ of part number.
HMK212 BJ104KG / HMK212 B7104KG
SMK432 BJ104KM / SMK432 B7104KM
QMK325 BJ224KN / QMK325 B7224KN
SMK316 BJ223KL / SMK316 B7223KL
QMK432 BJ474KM / QMK432 B7474KM
HMK325 BJ105KN / HMK325 B7105KN
HMK325 BJ105KN / HMK325 B7105KN
Taiyo Yuden medium-high voltage ceramic capacitor
Example of Impedance ESR vs. Frequency characteristics


Similar Part No. - EMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK107BJ474A TAIYO-YUDEN-EMK107BJ474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - EMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com