Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK107BJ474A Datasheet(PDF) 22 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK107BJ474A
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK107BJ474A Datasheet(HTML) 22 Page - Taiyo Yuden (U.S.A.), Inc

Back Button TMK107BJ474A Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 23Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 24Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 25Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 26Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
24
11
mlcc05_e-01
ELECTRICAL CHARACTERISTICS
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
20
10
15
0
5
-5
-10
-15
-20
-60 -40 -20
0
20
40
60
80
100 120
SD : Standard Type
Capacitance-temperature characteristics
316TYPE
・1.6mm thickness(L)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK316 SD823KL
Standard
type
82000
±10
0.1
1.6±0.2
R
200%
TMK316 SD104KL
100000
±10
0.1
1.6±0.2
R
200%
・1.15mm thickness(F)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
35V
GMK316 SD333KF
Standard
type
33000
±10
0.1
1.15±0.1
R
200%
GMK316 SD393KF
39000
±10
0.1
1.15±0.1
R
200%
25V
TMK316 SD473KF
47000
±10
0.1
1.15±0.1
R
200%
TMK316 SD563KF
56000
±10
0.1
1.15±0.1
R
200%
TMK316 SD683KF
68000
±10
0.1
1.15±0.1
R
200%
Note:Capacitance tolerance J (±5%) is also available. Please contact Taiyo Yuden sales channels.


Similar Part No. - TMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK107BJ474A TAIYO-YUDEN-TMK107BJ474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - TMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com