Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK107BJ474A Datasheet(PDF) 45 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK107BJ474A
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK107BJ474A Datasheet(HTML) 45 Page - Taiyo Yuden (U.S.A.), Inc

Back Button UMK107BJ474A Datasheet HTML 41Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 42Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 48Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ474A Datasheet HTML 49Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
11
mlcc_reli-R2
mlcc_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
8. Temperature Characteristic(Without voltage application)
Specified
Value
Temperature Compensating
(Class 1)
Standard
Temperature Characteristic[ppm/℃]
Tolerance
C□ :0
CH, CJ, CK
H±60
J±120
K±250
R□ :ー220 RH
S□ :ー330 SH, SJ, SK
T□ :ー470 TJ, TK
U□ :ー750 UJ, UK
SL :+350 to -1000
High Frequency Type
High Permittivity(Class 2)
Specification
Capacitance change
Reference temperature
Temperature Range
BJ
B
±10%
20℃
-25 to +85℃
X5R
±15%
25℃
-55 to +85℃
B7
X7R
±15%
25℃
-55 to +125℃
C6
X6S
±22%
25℃
-55 to +105℃
C7
X7S
±22%
25℃
-55 to +125℃
F
F
+30/ー80%
20℃
-25 to +85℃
Y5V
+22/ー82%
25℃
-30 to +85℃
【Test Methods and Remarks】
Class 1
Capacitance at 20℃ and 85℃ shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following equation.
(C
85-C20
× 106(ppm/℃)
C20×△T           △T=65
Class 2
Capacitance at each step shall be measured in thermal equilibrium, and the temperature characteristic shall be calculated from the following equation.
(C-C
2
×100(%)
C2
C :Capacitance in Step 1 or Step 3
C2 :Capacitance in Step 2
Step
B、F
X5R、X7R、X6S、X7S、Y5V
1
Minimum operating temperature
2
20℃
25℃
3
Maximum operating temperature
9. Deflection
Specified
Value
Temperature Compensating
(Class 1)
Standard
Appearance :
No abnormality
Capacitance change : Within ±5% or ±0.5 pF, whichever is larger.
High Frequency Type
Appearance :
No abnormality
Capacitance change : Within±0.5 pF
High Permittivity(Class 2)
Appearance :
No abnormality
Capacitance change : Within ±12.5%(BJ, B7, C6, C7),Within ±30%(F)
【Test Methods and Remarks】
Multilayer Ceramic Capacitors
Board
Thickness
Warp
Duration
042、063 Type
glass epoxy-resin substrate
0.8mm
1mm
10 sec.
The other types
1.6mm
Array Type
Board
Thickness
Warp
Duration
096、110、212 Type
glass epoxy-resin substrate
1.6mm
1mm
10 sec.
Board
Warp
Capacitance measurement shall
be conducted with the board bent
10. Body Strength
Specified
Value
Temperature Compensating
(Class 1)
Standard
High Frequency Type
No mechanical damage.
High Permittivity(Class 2)
【Test Methods and Remarks】
High Frequency Type
Applied force: 5N
Duration: 10 sec.
A
A
A
11. Adhesive Strength of Terminal Electrodes
Specified
Value
Temperature Compensating
(Class 1)
Standard
No terminal separation or its indication.
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Multilayer Ceramic Capacitors
Array Type
Applied force
Duration
042、063 Type
2N
30±5 sec.
105 Type or more
5N
Applied force
Duration
096 Type
2N
30±5 sec.
110、212 Type
5N
12. Solderability
Specified
Value
Temperature Compensating
(Class 1)
Standard
At least 95% of terminal electrode is covered by new solder.
High Frequency Type
High Permittivity(Class 2)
【Test Methods and Remarks】
Solder type
Solder temperature
Duration
Eutectic solder
H60A or H63A
230±5℃
4±1 sec.
Lead-free solder
Sn-3.0Ag-0.5Cu
245±3℃


Similar Part No. - UMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107BJ474A TAIYO-YUDEN-UMK107BJ474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - UMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com