Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK107BJ105KA-T Datasheet(PDF) 48 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK107BJ105KA-T
Description  Notice for TAIYO YUDEN products?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK107BJ105KA-T Datasheet(HTML) 48 Page - Taiyo Yuden (U.S.A.), Inc

Back Button UMK107BJ105KA-T Datasheet HTML 43Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 44Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 45Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 46Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 47Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 48Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 49Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 50Page - Taiyo Yuden (U.S.A.), Inc UMK107BJ105KA-T Datasheet HTML 51Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
11
mlcc_prec-P1
mlcc_prec_e-01
PRECAUTIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
1. Circuit Design
Precautions
◆Verification of operating environment, electrical rating and performance
1.A malfunction of equipment in fields such as medical, aerospace, nuclear control, etc. may cause serious harm to human life or have severe social ramifications.
Therefore, any capacitors to be used in such equipment may require higher safety and reliability, and shall be clearly differentiated from them used in general pur-
pose applications.
◆Operating Voltage(Verification of Rated voltage)
1.The operating voltage for capacitors must always be their rated voltage or less.
If an AC voltage is loaded on a DC voltage, the sum of the two peak voltages shall be the rated voltage or less.
For a circuit where an AC or a pulse voltage may be used, the sum of their peak voltages shall also be the rated voltage or less.
2.Even if an applied voltage is the rated voltage or less reliability of capacitors may be deteriorated in case that either a high frequency AC voltage or a pulse voltage
having rapid rise time is used in a circuit.
2. PCB Design
Precautions
◆Pattern configurations(Design of Land-patterns)
1. When capacitors are mounted on PCBs, the amount of solder used(size of fillet)can directly affect the capacitor performance. Therefore, the following items must
be carefully considered in the design of land patterns:
(1)Excessive solder applied can cause mechanical stresses which lead to chip breaking or cracking. Therefore, please consider appropriate land-patterns for proper
amount of solder.
(2)When more than one component are jointly soldered onto the same land, each component's soldering point shall be separated by solder-resist.
◆Pattern configurations(Capacitor layout on PCBs)
After capacitors are mounted on boards, they can be subjected to mechanical stresses in subsequent manufacturing processes(PCB cutting, board inspection,
mounting of additional parts, assembly into the chassis, wave soldering of the boards, etc.).For this reason, land pattern configurations and positions of capacitors
shall be carefully considered to minimize stresses.
Technical
consider-
ations
◆Pattern configurations(Design of Land-patterns)
The following diagrams and tables show some examples of recommended land patterns to prevent excessive solder amounts.
(1)Recommended land dimensions for typical chip capacitors
●Multilayer Ceramic Capacitors : Recommended land dimensions(unit: mm)
 Wave-soldering
Land patterns for PCBs
Type
107
212
316
325
Size
L
1.6
2.0
3.2
3.2
W
0.8
51.25
1.6
2.5
A
0.8 to 1.0 1.0 to 1.4 1.8 to 2.5 1.8 to 2.5
B
0.5 to 0.8 0.8 to 1.5 0.8 to 1.7 0.8 to 1.7
C
0.6 to 0.8 0.9 to 1.2 1.2 to 1.6 1.8 to 2.5
Solder-resist
Chip capacitor
L
L
W
B
C
B
A
W
LWDC
Land
Chip capacitor
Reflow-soldering
Type
042
063
105
107
212
316
325
432
Size
L
0.4
0.6
1.0
1.6
2.0
3.2
3.2
4.5
W
0.2
0.3
0.5
0.8
51.25
1.6
2.5
3.2
A
0.15 to 0.25 0.20 to 0.30 0.45 to 0.55 0.8 to 1.0 0.8 to 1.2 1.8 to 2.5 1.8 to 2.5 2.5 to 3.5
B
0.15 to 0.20 0.20 to 0.30 0.40 to 0.50 0.6 to 0.8 0.8 to 1.2 1.0 to 1.5 1.0 to 1.5 1.5 to 1.8
C
0.15 to 0.30 0.25 to 0.40 0.45 to 0.55 0.6 to 0.8 0.9 to 1.6 1.2 to 2.0 1.8 to 3.2 2.3 to 3.5
●LWDC: Recommended land dimensions for reflow-soldering(unit: mm)
Type
105
107
212
Size
L
0.52
50.8
1.25
W
1.0
1.6
2.0
A
0.18 to 0.22
0.25 to 0.3
0.5 to 0.7
B
0.2 to 0.25
0.3 to 0.4
0.4 to 0.5
C
0.9 to 1.1
1.5 to 1.7
1.9 to 2.1
●Array type: Recommended land dimensions for reflow-soldering(unit: mm)
2 circuits
4 circuits
Type
096(2 circuits)110(2 circuits)212(2 circuits) 212(4 circuits)
Size
L
0.9
1.37
2.0
2.0
W
0.6
1.0
1.25
1.25
a
0.25 to 0.35
0.35 to 0.45
0.5 to 0.6
0.5 to 0.6
b
0.15 to 0.25
0.55 to 0.65
0.5 to 0.6
0.5 to 0.6
c
0.15 to 0.25
0.3 to 0.4
0.5 to 0.6
0.2 to 0.3
d
0.45
0.64
1.0
0.5
Chip capacitor
a
a
b
d
c
Land
c
d
a
a
b
(2)Examples of good and bad solder application
Items
Not recommended
Recommended
Mixed mounting of
SMD and leaded
components
Component
placement close to
the chassis
Hand-soldering
of leaded
components
near mounted
components
Horizontal
component
placement
Precautions on the use of Multilayer Ceramic Capacitors
To next page


Similar Part No. - UMK107BJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK107BJ105A TAIYO-YUDEN-UMK107BJ105A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
UMK107BJ105MA-T TAIYO-YUDEN-UMK107BJ105MA-T Datasheet
291Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - UMK107BJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com