Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV994AIYPT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSV994AIYPT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV994AIYPT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSV994AIYPT Datasheet HTML 1Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 2Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 3Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 4Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 5Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV994AIYPT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
October 2012
Doc ID 12833 Rev 9
1/25
25
TSV991, TSV992, TSV994,
TSV991A, TSV992A, TSV994A
Rail-to-rail input/output 20 MHz GBP operational amplifiers
Datasheet
production data
Features
Low input offset voltage: 1.5 mV max (A grade)
Rail-to-rail input and output
Wide bandwidth 20 MHz
Stable for gain
≥ 4 or ≤ -3
Low power consumption: 820 µA typ
High output current: 35 mA
Operating from 2.5 V to 5.5 V
Low input bias current, 1 pA typ
ESD internal protection
5 kV
Related products
See TSV91 series for unity-gain stable
amplifiers
Applications
Battery-powered applications
Portable devices
Signal conditioning and active filtering
Medical instrumentation
Automotive applications
Description
The TSV991, TSV992 and TSV994 family of
single, dual, and quad operational amplifiers
offers low voltage operation and rail-to-rail input
and output.
These devices feature an excellent speed/power
consumption ratio, offering a 20 MHz gain-
bandwidth, stable for gains above 4 (100 pF
capacitive load), while consuming only 1.1 mA
maximum at 5 V. They also feature an ultra-low
input bias current.
These characteristics make the TSV99x family
ideal for sensor interfaces, battery-supplied and
portable applications, as well as active filtering.
SOT23-5
MiniSO-8, SO-8
Pin connections
(top view)
SO-14, TSSOP14
DFN8 2x2
www.st.com


Similar Part No. - TSV994AIYPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV994AIYD STMICROELECTRONICS-TSV994AIYD Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV994AIYDT STMICROELECTRONICS-TSV994AIYDT Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results

Similar Description - TSV994AIYPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV991 STMICROELECTRONICS-TSV991 Datasheet
483Kb / 18P
   Rail-to-rail input/output 20MHz GBP operational amplifiers
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com