Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR4313B11H102KA01D Datasheet(PDF) 78 Page - Murata Manufacturing Co., Ltd.

Part # GR4313B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR4313B11H102KA01D Datasheet(HTML) 78 Page - Murata Manufacturing Co., Ltd.

Back Button GR4313B11H102KA01D Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. GR4313B11H102KA01D Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 221 page
background image
76
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Low ESL LLL/LLR/LLA/LLM Series
s Features
1. Low ESL, good for noise reduction for high
frequency
2. Small, high cap
s Applications
Decoupling solution for "chip sets", such as
Mobile/FPD TV
s Features
1. Good solution for anti resonance reduction with
Controlled ESR.
2. Suitable for high speed IC decoupling due to low
inductance type.
3. 4 types of ESR are available.
s Applications
1. All kind of IC package (network processor,
media processor, etc)
2. Circuit that has anti-resonance
Part Number
T
Dimensions (mm)
0.6 max.
0.85
±0.1
0.7
±0.1
W
0.8
±0.1
1.25
±0.1
1.6
±0.15
L
1.6
±0.1
2.0
±0.1
3.2
±0.15
1.15
±0.1
0.6
±0.1
LLL185
0.3
±0.05
0.5
±0.05
1.0
±0.05
LLL153
0.5 +0.05/-0.1
0.8
±0.15
1.6
±0.15
LLR185
LLL216
0.5 +0/-0.15
LLL215
LLL219
LLL317
0.5 +0/-0.15
LLL315
LLL31M
L
W
s Features
1. Low ESL (100pH), suitable to decoupling capacitor
for 1GHz clock speed IC.
2. Small, high cap
s Applications
High speed IC package (FPGA, network processor, etc)
Part Number
LW
T
Dimensions (mm)
P
1.6
±0.1
0.8
±0.1
0.4
±0.1
0.5 +0.05/-0.1
LLA185
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.5 +0.05/-0.1
LLA215
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.85
±0.1
LLA219
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.5 +0.05/-0.1
LLA315
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.85
±0.1
LLA319
3.2
±0.15 1.6 ±0.15
0.8
±0.1
1.15
±0.1
LLA31M
L
W
Equivalent Circuit
P
qwer
qetu
wryi
iuyt
s Features
1. Low ESL (45pH), suitable to decoupling capacitor
for 2GHz clock speed IC.
2. Small, high cap
s Applications
High speed IC package (FPGA, network processor, etc)
Part Number
LW
T
Dimensions (mm)
P
2.0
±0.1
1.25
±0.1
0.5
±0.05
0.5 +0.05/-0.1
LLM215
3.2
±0.15 1.6 ±0.15
0.8
±0.1
0.5 +0.05/-0.1
LLM315
L
W
Equivalent Circuit
P
qwer
qetu
wryi
o
!0
oiuy
t
!0
Reversed Geometry Low ESL Type
Controlled ESR Low ESL Type
Eight Terminals Low ESL Type
Ten Terminals Low ESL Type
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GR4313B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GR430 MALLORY-GR430 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GR433 MALLORY-GR433 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GR436 MALLORY-GR436 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GR439 MALLORY-GR439 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GR4313B11H102KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com