Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF62N15100BTX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RJF62N15100BTX
Description  Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJF62N15100BTX Datasheet(HTML) 1 Page - Amphenol Corporation

  RJF62N15100BTX Datasheet HTML 1Page - Amphenol Corporation RJF62N15100BTX Datasheet HTML 2Page - Amphenol Corporation RJF62N15100BTX Datasheet HTML 3Page - Amphenol Corporation RJF62N15100BTX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Amphenol ®
Amphenol PCD – 2 Technology Drive – Peabody - Massachusetts – 01960 – USA
Tel: + 1 978-532-8800 x 273
Fax: + 1 978-532-6800
http://www.RJField.com
Ethernet
Ethernet Connection
Connection System for
System for
Harsh Environment
Harsh Environment
The Industrial
The Industrial Ethernet Solution
Ethernet Solution
RJ Field
RJ Field
 Amphenol 2003 All rights reserved
Description
Description
The RJField connector allows you to use an Ethernet Class D / Cat. 5e
connection for 10 BaseT,100 BaseTX or 1000 BaseT networks in harsh
environments:
Sealed against fluids and dusts (IP67)
Shock, Vibration and Traction resistant
No cabling operation in field and no tools required
Mechanical Coding / Polarization (4 positions)
With the patented RJStop
 system you can use a standard RJ45
cordset in a metallic plug which will protect it from shocks, dust and
fluids.
No hazardous in-field cabling and grounding !
This metallic plug is connected into a receptacle, using a fast ¼ turn
bayonet coupling mechanism (MIL-C-26482 type) providing both “audible
and visual” coupling.
On the receptacle, one female RJ45 is soldered onto a PCB allowing for
the following back terminations :
another female RJ45
a RJ45 cordset
a solder termination
The RJ45 cordset shielding is transmitted to the RJ45 receptacle through
lateral grounding fingers. For an outstanding EMI protection, the
conductive plating versions (Ni and Cd) with metallized receptacle inserts
transmit the shielding to the connector shells and finally to the panel.
Applications
Applications
•Robotics
• Industrial Process Control
• CNC Machines
• Machine Tool
• Motion Control
• Data Acquisition and
Transmission in Harsh
Environment
• Tele-maintenance
• Warehousing / Logistics
Amphenol ®
Transform your RJ45
cordset into a Harsh
Environment Connector !
NEW
http://www.RJField.com
RJF awarded “Best Automatic
Control Component”


Similar Part No. - RJF62N15100BTX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD-00-J3 RENESAS-RJF0408JPD-00-J3 Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP-00-J0 RENESAS-RJF0409JSP-00-J0 Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
More results

Similar Description - RJF62N15100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
   RJ45-IP67 Industrial Ethernet Connector System
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com