Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1200DC-34N Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # CM1200DC-34N
Description  Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM1200DC-34N Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  CM1200DC-34N Datasheet HTML 1Page - Powerex Power Semiconductors CM1200DC-34N Datasheet HTML 2Page - Powerex Power Semiconductors CM1200DC-34N Datasheet HTML 3Page - Powerex Power Semiconductors CM1200DC-34N Datasheet HTML 4Page - Powerex Power Semiconductors CM1200DC-34N Datasheet HTML 5Page - Powerex Power Semiconductors CM1200DC-34N Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CM1200DC-34N
Dual IGBTMOD™ HVIGBT Module
1200 Amperes/1700 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
6
12/12 Rev. 2
COLLECTOR CURRENT, I
C, (AMPERES)
1200
1000
800
0
400 800 1200 1600 2000
600
400
200
0
VCC = 850V
VGE = ±15V
RG(on) = 1.3Ω
RG(off) = 3.3Ω
Tj = 125°C
Inductive Load
2400
HALF-BRIDGE
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
Eon
Eoff
Erec
GATE RESISTANCE, R
G, ( )
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
1.2
1.0
10-1
100
101
10-2
10-3
0.8
0.4
0.2
0.6
0
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.019°C/W
(IGBT)
Rth(j-c) =
0.042°C/W
(FWDi)
2000
1200
1600
800
02
46
810
400
0
VCC = 850V
IC = 1200A
VGE = ±15V
Tj = 125°C
Inductive Load
12
HALF-BRIDGE
SWITCHING ENERGY CHARACTERISTICS
(TYPICAL)
Eon
Eoff
Erec


Similar Part No. - CM1200DC-34N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200DC-34N MITSUBISHI-CM1200DC-34N Datasheet
61Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1200DC-34N

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200E4C-34N POWEREX-CM1200E4C-34N Datasheet
676Kb / 7P
   Chopper HVIGBT Module 1200 Amperes/1700 Volts
CM1800HC-34N POWEREX-CM1800HC-34N Datasheet
560Kb / 6P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800HCB-34N POWEREX-CM1800HCB-34N Datasheet
503Kb / 4P
   Single IGBTMOD HVIGBT Module 1800 Amperes/1700 Volts
CM1800DY-34S POWEREX-CM1800DY-34S Datasheet
866Kb / 6P
   Dual Half-Bridge IGBTMOD??HVIGBT Series Module 1800 Amperes/1700 Volts
CM2500DY-24S POWEREX-CM2500DY-24S Datasheet
762Kb / 6P
   Dual Half-Bridge IGBTMOD HVIGBT Series Module 2500 Amperes/1200 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM300DU-34KA POWEREX-CM300DU-34KA Datasheet
494Kb / 4P
   Dual IGBTMOD 300 Amperes/1700 Volts
CM100DU-34KA POWEREX-CM100DU-34KA Datasheet
452Kb / 4P
   Dual IGBTMOD 100 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com